Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE11CA Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # P6KE11CA
Description  Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P6KE11CA Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  P6KE11CA Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P6KE11CA Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P6KE11CA Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P6KE11CA Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P6KE11CA Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transient Voltage Suppressors
Electrical Characteristics (TA=25℃)
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
VBR(Volts)@IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
Unidirectional
Bidirectional
VRWM(V)
Min
Max
IT(mA)
VC(V)
IPP(A)
IR(μA)
P6KE6.8A
P6KE6.8CA
5.80
6.45
7.14
10
10.5
58.1
1000
P6KE7.5A
P6KE7.5CA
6.40
7.13
7.88
10
11.3
54.0
500
P6KE8.2A
P6KE8.2CA
7.02
7.79
8.61
10
12.1
50.4
200
P6KE9.1A
P6KE9.1CA
7.78
8.65
9.55
1
13.4
45.5
50
P6KE10A
P6KE10CA
8.55
9.50
10.5
1
14.5
42.1
10
P6KE11A
P6KE11CA
9.40
10.5
11.6
1
15.6
39.1
5
P6KE12A
P6KE12CA
10.2
11.4
12.6
1
16.7
36.5
5
P6KE13A
P6KE13CA
11.1
12.4
13.7
1
18.2
33.5
5
P6KE15A
P6KE15CA
12.8
14.3
15.8
1
21.2
28.8
5
P6KE16A
P6KE16CA
13.6
15.2
16.8
1
22.5
27.1
5
P6KE18A
P6KE18CA
15.3
17.1
18.9
1
25.2
24.2
5
P6KE20A
P6KE20CA
17.1
19.0
21.0
1
27.7
22.0
5
P6KE22A
P6KE22CA
18.8
20.9
23.1
1
30.6
19.9
5
P6KE24A
P6KE24CA
20.5
22.8
25.2
1
33.2
18.4
5
P6KE27A
P6KE27CA
23.1
25.7
28.4
1
37.5
16.3
5
P6KE30A
P6KE30CA
25.6
28.5
31.5
1
41.4
14.7
5
P6KE33A
P6KE33CA
28.2
31.4
34.7
1
45.7
13.3
5
P6KE36A
P6KE36CA
30.8
34.2
37.8
1
49.9
12.2
5
P6KE39A
P6KE39CA
33.3
37.1
41.0
1
53.9
11.3
5
P6KE43A
P6KE43CA
36.8
40.9
45.2
1
59.3
10.3
5
P6KE47A
P6KE47CA
40.2
44.7
49.4
1
64.8
9.4
5
P6KE51A
P6KE51CA
43.6
48.5
53.6
1
70.1
8.7
5
P6KE56A
P6KE56CA
47.8
53.2
58.8
1
77.0
7.9
5
P6KE62A
P6KE62CA
53.0
58.9
65.1
1
85.0
7.2
5
2
Table continues on next page
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - P6KE11CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE11CA PANJIT-P6KE11CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shanghai Semitech Semic...
P6KE11CA SEMITECH-P6KE11CA Datasheet
503Kb / 4P
   Glass passivated junction
logo
Pan Jit International I...
P6KE11CA PANJIT-P6KE11CA Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P6KE11CA UNSEMI-P6KE11CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
P6KE11CA SOCAY-P6KE11CA Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - P6KE11CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com