Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ9.0CA Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # SMCJ9.0CA
Description  Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

SMCJ9.0CA Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  SMCJ9.0CA Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD SMCJ9.0CA Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD SMCJ9.0CA Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD SMCJ9.0CA Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD SMCJ9.0CA Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Transient Voltage Suppressors
Electrical Characteristics (TA=25℃)
continued
Part Number
marking code
Reverse
Stand-O
ff
Voltage
Breakdown
Voltage
VBR(Volts)@IT
Test
Curr
ent
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
Unidirectional
Bidirectional
Uni
Bi
VRWM(V)
Min
Max
IT(mA)
VC(V)
IPP(A)
IR(μA)
SMCJ36A
SMCJ36CA
GFP
BFP
36.0
40.0
44.2
1
58.1
25.9
1
SMCJ40A
SMCJ40CA
GFR
BFR
40.0
44.4
49.1
1
64.5
23.3
1
SMCJ43A
SMCJ43CA
GFT
BFT
43.0
47.8
52.8
1
69.4
21.7
1
SMCJ45A
SMCJ45CA
GFV
BFV
45.0
50.0
55.3
1
72.7
20.6
1
SMCJ48A
SMCJ48CA
GFX
BFX
48.0
53.3
58.9
1
77.4
19.4
1
SMCJ51A
SMCJ51CA
GFZ
BFZ
51.0
56.7
62.7
1
82.4
18.2
1
SMCJ54A
SMCJ54CA
GGE
BGE
54.0
60.0
66.3
1
87.1
17.3
1
SMCJ58A
SMCJ58CA
GGG BGG
58.0
64.4
71.2
1
93.6
16.1
1
SMCJ60A
SMCJ60CA
GGK
BGK
60.0
66.7
73.7
1
96.8
15.5
1
SMCJ64A
SMCJ64CA
GGM BGM
64.0
71.1
78.6
1
103.0
14.6
1
SMCJ70A
SMCJ70CA
GGP
BGP
70.0
77.8
86.0
1
113.0
13.3
1
SMCJ75A
SMCJ75CA
GGR BGR
75.0
83.3
92.1
1
121.0
12.4
1
SMCJ78A
SMCJ78CA
GGT
BGT
78.0
86.7
95.8
1
126.0
11.9
1
SMCJ85A
SMCJ85CA
GGV
BGV
85.0
94.4
104.0
1
137.0
11.0
1
SMCJ90A
SMCJ90CA
GGX
BGX
90.0
100.0
111.0
1
146.0
10.3
1
SMCJ100A
SMCJ100CA
GGZ
BGZ
100.0
111.0
123.0
1
162.0
9.3
1
SMCJ110A
SMCJ110CA
GHE
BHE
110.0
122.0
135.0
1
177.0
8.5
1
SMCJ120A
SMCJ120CA GHG BHG
120.0
133.0
147.0
1
193.0
7.8
1
SMCJ130A
SMCJ130CA
GHK
BHK
130.0
144.0
159.0
1
209.0
7.2
1
SMCJ150A
SMCJ150CA GHM BHM
150.0
167.0
185.0
1
243.0
6.2
1
SMCJ160A
SMCJ160CA
GHP
BHP
160.0
178.0
197.0
1
259.0
5.8
1
SMCJ170A
SMCJ170CA GHR BHR
170.0
189.0
209.0
1
275.0
5.5
1
Notes:For bidirectional type having VRWM of 10 volts and less, the IR limit is double.
3
Table continues on next page
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - SMCJ9.0CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ9.0CA FAIRCHILD-SMCJ9.0CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
GUANGDONG HOTTECH INDUS...
SMCJ9.0CA HOTTECH-SMCJ9.0CA Datasheet
541Kb / 3P
   Transient Voltage Suppressors
logo
SynSemi, Inc.
SMCJ9.0CA SYNSEMI-SMCJ9.0CA Datasheet
162Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HY ELECTRONIC CORP.
SMCJ9.0CA HY-SMCJ9.0CA Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMCJ9.0CA SOCAY-SMCJ9.0CA Datasheet
623Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMCJ9.0CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com