Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE12A Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # P6KE12A
Description  Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P6KE12A Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  P6KE12A Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P6KE12A Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P6KE12A Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P6KE12A Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P6KE12A Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P6KE6.8CA Thru P6KE600CA
Transient Voltage Suppressors
TVS Diodes - 600W > P6KE Series
Description
The P6KE series is designed specifically to protect sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
Features
For surface mounted applications in order to optimize board space
Reliable low cost construction utilizing molded plastic technique
Plastic material has UL flammability classification 94V-O
Typical IR less than 1uA above 12V
Fast response time: typically less than 1.0ps from 0 Volts to VBR min
Glass passivated junction
Package: DO-204AC / DO-15
Low inductance
High Temperature soldering: 260℃/10 seconds at terminals
Applications
• I/O interface
• AC/DC power supply
• Low frequency signal transmission line (RS232, RS485, etc.)
Electrical Characteristics
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA=25℃ by 10x1000μs waveform
(Fig.1)(Note 1), (Note 2)
PPPM
600
W
Power Dissipation on infinite heat sink at TA=50℃
PM(AV)
5
W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave (Note 3)
IFSM
100
A
Maximum Instantaneous Forward Voltage at 25A for Unidirectional only
(Note 4)
VF
3.5/5
V
Operating Junction and Storage Temperature Range
TJ, TSTG
-65 to 150
Typical Thermal Resistance Junction to Lead
RθJL
20
/W
Typical Thermal Resistance Junction to Ambient
RθJA
75
/W
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig. 2.
2. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional device only.
3. VF < 3.5V for VBR ≤ 200V and VF< 6.5V for VBR ≥ 201V.
1
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - P6KE12A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE12A MOTOROLA-P6KE12A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE12A STMICROELECTRONICS-P6KE12A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
logo
HY ELECTRONIC CORP.
P6KE12A HY-P6KE12A Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
DAESAN ELECTRONIC CORP.
P6KE12A DAESAN-P6KE12A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
List of Unclassifed Man...
P6KE12A ETC2-P6KE12A Datasheet
330Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - P6KE12A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com