Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ5.0A Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # SMBJ5.0A
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

SMBJ5.0A Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  SMBJ5.0A Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD SMBJ5.0A Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD SMBJ5.0A Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD SMBJ5.0A Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD SMBJ5.0A Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD SMBJ5.0A Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Transient Voltage Suppressors
Electrical Characteristics (TA=25℃)
continued
Part Number
marking
code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
VBR(Volts)@IT
Test
Curre
nt
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
Unidirectional
Bidirectional
Uni
Bi
VRWM(V)
Min
Max
IT(mA)
VC(V)
IPP(A)
IR(μA)
SMBJ36A
SMBJ36CA
MP
CP
36.0
40.0
44.2
1
58.1
10.4
1
SMBJ40A
SMBJ40CA
MR
CR
40.0
44.4
49.1
1
64.5
9.3
1
SMBJ43A
SMBJ43CA
MT
CT
43.0
47.8
52.8
1
69.4
8.7
1
SMBJ45A
SMBJ45CA
MV
CV
45.0
50.0
55.3
1
72.7
8.3
1
SMBJ48A
SMBJ48CA
MX
CX
48.0
53.3
58.9
1
77.4
7.8
1
SMBJ51A
SMBJ51CA
MZ
CZ
51.0
56.7
62.7
1
82.4
7.3
1
SMBJ54A
SMBJ54CA
NE
DE
54.0
60.0
66.3
1
87.1
6.9
1
SMBJ58A
SMBJ58CA
NG
DG
58.0
64.4
71.2
1
93.6
6.5
1
SMBJ60A
SMBJ60CA
NK
DK
60.0
66.7
73.7
1
96.8
6.2
1
SMBJ64A
SMBJ64CA
NM DM
64.0
71.1
78.6
1
103.0
5.9
1
SMBJ70A
SMBJ70CA
NP
DP
70.0
77.8
86.0
1
113.0
5.3
1
SMBJ75A
SMBJ75CA
NR
DR
75.0
83.3
92.1
1
121.0
5.0
1
SMBJ78A
SMBJ78CA
NT
DT
78.0
86.7
95.8
1
126.0
4.8
1
SMBJ85A
SMBJ85CA
NV
DV
85.0
94.4
104.0
1
137.0
4.4
1
SMBJ90A
SMBJ90CA
NX
DX
90.0
100.0
111.0
1
146.0
4.1
1
SMBJ100A
SMBJ100CA
NZ
DZ
100.0
111.0
123.0
1
162.0
3.7
1
SMBJ110A
SMBJ110CA
PE
EE
110.0
122.0
135.0
1
177.0
3.4
1
SMBJ120A
SMBJ120CA
PG
EG
120.0
133.0
147.0
1
193.0
3.1
1
SMBJ130A
SMBJ130CA
PK
EK
130.0
144.0
159.0
1
209.0
2.9
1
SMBJ150A
SMBJ150CA
PM
EM
150.0
167.0
185.0
1
243.0
2.5
1
SMBJ160A
SMBJ160CA
PP
EP
160.0
178.0
197.0
1
259.0
2.3
1
SMBJ170A
SMBJ170CA
PR
ER
170.0
189.0
209.0
1
275.0
2.2
1
SMBJ180A
SMBJ180CA
PT
ET
180.0
201.0
222.0
1
292.0
2.1
1
SMBJ190A
SMBJ190CA
PA
EC
190.0
209.0
243.2
1
308.0
2.0
1
3
Table continues on next page
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - SMBJ5.0A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ5.0A LUGUANG-SMBJ5.0A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Jinan Gude Electronic D...
SMBJ5.0A JGD-SMBJ5.0A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ5.0A SOCAY-SMBJ5.0A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bourns Electronic Solut...
SMBJ5.0A BOURNS-SMBJ5.0A Datasheet
360Kb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Guangdong Juxing Electr...
SMBJ5.0A JUXING-SMBJ5.0A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMBJ5.0A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com