Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6NS Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # 6NS
Description  Standard Recovery Diodes (Stud Version), 6A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

6NS Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  6NS_17 Datasheet HTML 1Page - Naina Semiconductor ltd. 6NS_17 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
6NS(R)
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Package Outline
Dimensions for DO-203AA (DO-4) (in millimeters)
Ordering Table
6
NS
R
120
1
2
3
4
1 – Current Rating =
IF (AV)
2 – Rectifier Diode
3 – Polarity:
None = Normal (Cathode to Stud)
R = Reverse (Anode to Stud)
4 – Voltage Code x 10 = VRRM (See Voltage Ratings Table)


Similar Part No. - 6NS_17

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
6NSR10 NAINA-6NSR10 Datasheet
116Kb / 2P
   Standard Recovery Diodes (Stud Version)
6NSR100 NAINA-6NSR100 Datasheet
116Kb / 2P
   Standard Recovery Diodes (Stud Version)
6NSR120 NAINA-6NSR120 Datasheet
116Kb / 2P
   Standard Recovery Diodes (Stud Version)
6NSR140 NAINA-6NSR140 Datasheet
116Kb / 2P
   Standard Recovery Diodes (Stud Version)
6NSR160 NAINA-6NSR160 Datasheet
116Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results

Similar Description - 6NS_17

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
6-NSR NAINA-6-NSR Datasheet
133Kb / 2P
   Standard Recovery Diodes (Stud Version), 6A
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com