Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3765 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 1N3765
Description  Standard Recovery Diode, 35A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N3765 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  1N3765 Datasheet HTML 1Page - Naina Semiconductor ltd. 1N3765 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
1N3765 thru
1N3768R
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Standard Recovery Diode, 35A
Features
Glass passivated die
Low forward voltage drop
High surge capability
Low leakage current
Normal and Reverse polarity
Metric and UNF threads available
Maximum Ratings (TJ = 25oC, unless otherwise noted)
Parameter
Test Conditions
Symbol
1N3765(R)
1N3766(R)
1N3767(R)
1N3768(R)
Units
Repetitive peak
reverse voltage
VRRM
700
800
900
1000
V
RMS reverse voltage
VRMS
490
560
630
700
V
DC blocking voltage
VDC
700
800
900
1000
V
Continuous forward
current
TC ≤ 140oC
IF(AV)
35
35
35
35
A
Surge non-repetitive
forward current,
half-sine wave
TC = 25oC
IFSM
475
475
475
475
A
Maximum peak
forward voltage
TJ = 25oC
VF
1.2
1.2
1.2
1.2
V
Reverse current
TJ = 25oC
IR
10
10
10
10
µA
TJ = 140oC
10
10
10
10
mA
Thermal & Mechanical Specifications (TJ = 25oC, unless otherwise noted)
Parameters
Symbol
1N3765(R)
1N3766(R)
1N3767(R)
1N3768(R)
Units
Thermal resistance, junction to case
Rth(JC)
0.25
0.25
0.25
0.25
oC/W
Operating junction temperature range
TJ
-55 to 160
-55 to 160
-55 to 160
-55 to 160
oC
Storage temperature
Tstg
-55 to 160
-55 to 160
-55 to 160
-55 to 160
oC
Mounting torque, non-lubricated threads,
tighting on nut
F
3.4 ± 10%
Nm
Approximate weight
W
16
g
DO-203AB (DO-5)


Similar Part No. - 1N3765

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3765 MICROSEMI-1N3765 Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
International Rectifier
1N3765 IRF-1N3765 Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Vishay Siliconix
1N3765 VISHAY-1N3765 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
logo
Microsemi Corporation
1N3765 MICROSEMI-1N3765 Datasheet
132Kb / 2P
   Silicon Power Rectifier
logo
Vishay Siliconix
1N3765 VISHAY-1N3765 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
More results

Similar Description - 1N3765

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
1N1183 NAINA-1N1183 Datasheet
559Kb / 2P
   Standard Recovery Diode, 35A
1N1187 NAINA-1N1187 Datasheet
556Kb / 2P
   Standard Recovery Diode, 35A
logo
TRANSYS Electronics Lim...
SD700C TEL-SD700C Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
16F-10 TEL-16F-10 Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
50PF-40 TEL-50PF-40 Datasheet
202Kb / 1P
   STANDARD RECOVERY DIODE
logo
Nell Semiconductor Co.,...
D1400B NELLSEMI-D1400B Datasheet
3Mb / 3P
   STANDARD RECOVERY DIODE
logo
Nihon Inter Electronics...
EP05DA40 NIEC-EP05DA40 Datasheet
138Kb / 1P
   Standard Recovery Diode
logo
National Instruments Co...
10DDA40_2015 NI-10DDA40_2015 Datasheet
138Kb / 1P
   Standard Recovery Diode
10DDA60_2015 NI-10DDA60_2015 Datasheet
146Kb / 1P
   Standard Recovery Diode
10EDB10_2015 NI-10EDB10_2015 Datasheet
136Kb / 1P
   Standard Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com