Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM681001B-15 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KM681001B-15
Description  128K x 8 Bit High-Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681001B-15 Datasheet(HTML) 4 Page - Samsung semiconductor

  KM681001B-15 Datasheet HTML 1Page - Samsung semiconductor KM681001B-15 Datasheet HTML 2Page - Samsung semiconductor KM681001B-15 Datasheet HTML 3Page - Samsung semiconductor KM681001B-15 Datasheet HTML 4Page - Samsung semiconductor KM681001B-15 Datasheet HTML 5Page - Samsung semiconductor KM681001B-15 Datasheet HTML 6Page - Samsung semiconductor KM681001B-15 Datasheet HTML 7Page - Samsung semiconductor KM681001B-15 Datasheet HTML 8Page - Samsung semiconductor KM681001B-15 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KM681001B
CMOS SRAM
PRELIMINARY
Rev 2.0
- 4 -
February 1998
TEST CONDITIONS
Parameter
Value
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3ns
Input and Output timing Reference Levels
1.5V
Output Loads
See below
AC CHARACTERISTICS(TA=0 to 70
°C, VCC=5.0V±10%, unless otherwise noted.)
READ CYCLE
NOTE : tCO=tCO1, tCO2 / tLZ=tLZ1, tLZ2 / tHZ=tHZ1, tHZ2
Parameter
Symbol
KM681001B-15
KM681001B-20
Unit
Min
Max
Min
Max
Read Cycle Time
tRC
15
-
20
-
ns
Address Access Time
tAA
-
15
-
20
ns
Chip Select to Output
tCO*
-
15
-
20
ns
Output Enable to Valid Output
tOE
-
8
-
10
ns
Chip Enable to Low-Z Output
tLZ*
3
-
3
-
ns
Output Enable to Low-Z Output
tOLZ
0
-
0
-
ns
Chip Disable to High-Z Output
tHZ*
0
6
0
8
ns
Output Disable to High-Z Output
tOHZ
0
6
0
8
ns
Output Hold from Address Change
tOH
3
-
3
-
ns
Chip Selection to Power Up Time
tPU
0
-
0
-
ns
Chip Selection to Power DownTime
tPD
-
15
-
20
ns
Output Loads(A)
Output Loads(B)
DOUT
5pF*
480
255
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ
+5.0V
DOUT
30pF*
480
255
+5.0V
* Including Scope and Jig Capacitance


Similar Part No. - KM681001B-15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681001A SAMSUNG-KM681001A Datasheet
165Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
KM681001A-15 SAMSUNG-KM681001A-15 Datasheet
165Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
KM681001A-20 SAMSUNG-KM681001A-20 Datasheet
165Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
More results

Similar Description - KM681001B-15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681001A SAMSUNG-KM681001A Datasheet
165Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com