Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA1000-62-85F1-0024A Datasheet(PDF) 2 Page - Glenair, Inc.

Part # FA1000-62-85F1-0024A
Description  Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

FA1000-62-85F1-0024A Datasheet(HTML) 2 Page - Glenair, Inc.

  FA1000-62-85F1-0024A Datasheet HTML 1Page - Glenair, Inc. FA1000-62-85F1-0024A Datasheet HTML 2Page - Glenair, Inc. FA1000-62-85F1-0024A Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
E-3
© 2012 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
E
Basic Part
Number
FA1000 - 50 - 85
A
1 - XXXX A
Fiber Size
09 = 9.3/125 Singlemode
50 = 50/125 Multimode
62 = 62.5/125 Multimode
Length in Inches
Ex: -0040 = 40 inches
(Omit for Standard 36 Inches)
End A
(See Table I)
End B
(See Table II)
Operating
Wavelength
85 = 850nm
13 = 1300/1310nm
15 = 1550nm
Temperature Rating:
A = -40°C to +85°C
B = -55°C to +125°C
C = Customer Specified*
Table I: Eye-Beam® GLT Termini
Designator
Description
Connector Series
A
M29504/04 Style Pin (181-070)
MIL-DTL-38999 Series III
Mighty Mouse Size 16 Pin (181-070)
Series 80 Mighty Mouse
B
M29504/05 Style Socket (181-071)
MIL-DTL-38999 Series III
C
M29504/14 Style Pin (181-095)
MIL-PRF-28876
D
M29504/15 Style Socket (181-096)
MIL-PRF-28876
F
Mighty Mouse Size 16 Socket (181-083)
Series 80 Mighty Mouse
G
GFR Pin (181-082)
Glenair GFR System
H
GFR Socket (181-081)
Glenair GFR System
J
GFOCA Termini (181-067)
GFOCA (hermaphroditic)
Table II: Eye-Beam® GLT Termini and
Commercial Connectors
A
M29504/04 Style Pin (181-070)
Mighty Mouse Size 16 Pin (181-070)
B
M29504/05 Style Socket (181-071)
C
M29504/14 Style Pin (181-095)
D M29504/15 Style Socket (181-096)
F
Mighty Mouse Size 16 Socket (181-083)
G
GFR Pin (181-082)
H
GFR Socket (181-081)
J
GFOCA Termini (181-067)
1
LC Connector
2
LC APC Connector
3
FC Connector
4
FC APC Connector
5
ST Connector
6
SC Connector
7
SMA 905 Connector
8
SMA 906 Connector
9
Customer Specified*
How To Order factory terminated Eye-Beam® GLT jumpers
1. Eye-Beam® GLT system part numbers begin with the FA1000 Basic Part Number
2. Select fiber size (Consult factory for additional options)
3. Select operating wavelength
4. Select jumper cable configuration. Jumpers are supplied standard with 36 inches of fiber cable. Specific
lengths available in part number breakdown as shown below.
Eye-Beam® GLT Expanded Beam
Fiber Optic Connection System
Standard Tolerance for Cable Jumpers
Length
Tolerance
5 in, up to 2 ft
+1/-0 in
Over 2 ft, up to 10 ft
+3/-0 in
Over 10 ft, up to 50 ft
+6/-0 in
Over 50 ft, up to 100 ft +1/-0 ft
Over 100 ft
+2/-0 ft
Assembly marked with the Glenair part number in two places
See Part Number Development
4.0 max
End A
End B
4.0 max
Notes
Optical performance: Insertion loss to be less
than 2.0 dB when measured at 1310 nm or
1550 nm wavelength for singlemode, or when
measured at 850 nm or 1300 nm for multimode.
* For customer-specific requirements, Glenair
will assign a unique part number for the cable
assembly
Rev. 10.21.16


Similar Part No. - FA1000-62-85F1-0024A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
FA1000-62-85F1-0024A GLENAIR-FA1000-62-85F1-0024A Datasheet
499Kb / 3P
   Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
More results

Similar Description - FA1000-62-85F1-0024A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
FA1000-62-85F1-0024A GLENAIR-FA1000-62-85F1-0024A Datasheet
499Kb / 3P
   Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
185-900-A06-C-50 GLENAIR-185-900-A06-C-50 Datasheet
201Kb / 1P
   Expanded Beam Fiber Optic Connector
185-HMA-A06-C-50 GLENAIR-185-HMA-A06-C-50 Datasheet
211Kb / 1P
   Expanded Beam Fiber Optic Connector
185-960-A06-C-50 GLENAIR-185-960-A06-C-50 Datasheet
193Kb / 1P
   Expanded Beam Fiber Optic Connector
185-HMA-A07-C-50 GLENAIR-185-HMA-A07-C-50 Datasheet
211Kb / 1P
   Expanded Beam Fiber Optic Connector
185-HMA-A02-C-50 GLENAIR-185-HMA-A02-C-50 Datasheet
211Kb / 1P
   Expanded Beam Fiber Optic Connector
185-900-A02-C-50 GLENAIR-185-900-A02-C-50 Datasheet
201Kb / 1P
   Expanded Beam Fiber Optic Bulkhead Connector
logo
Bel Fuse Inc.
F900 BEL-F900 Datasheet
638Kb / 2P
   Expanded Beam Connector Fiber Optic Connectors
logo
Glenair, Inc.
185-960-A07-C-50 GLENAIR-185-960-A07-C-50 Datasheet
192Kb / 1P
   Expanded Beam Fiber Optic Bulkhead Connector
185-001C02-13-4NS GLENAIR-185-001C02-13-4NS Datasheet
359Kb / 1P
   Expanded Beam Fiber Optic Threaded Coupling
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com