Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8071-4650-MT-72 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 8071-4650-MT-72
Description  Data Cable Assembly for Media Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

8071-4650-MT-72 Datasheet(HTML) 2 Page - Glenair, Inc.

  8071-4650-MT-72 Datasheet HTML 1Page - Glenair, Inc. 8071-4650-MT-72 Datasheet HTML 2Page - Glenair, Inc. 8071-4650-MT-72 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
2
© 2015 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Jan. 2015
8071-4650
Data Cable Assembly for Media Converters
050-117, 050-121
D
C
T
U
A
N
L
WIRING DIAGRAM
B2
B3
B1
P1
8
7
5
4
6
3
2
1
8
7
5
4
6
3
2
1
4
5
7
8
6
3
2
1
P4
24 AWG BRN
24 AWG WHT/BRN
24 AWG WHT/BLU
24 AWG BLU
24 AWG GRN
24 AWG WHT/GRN
24 AWG ORN
24 AWG WHT/ORN
P2
P3
24 AWG BRN
24 AWG WHT/BRN
24 AWG WHT/BLU
24 AWG BLU
24 AWG GRN
24 AWG WHT/GRN
24 AWG ORN
24 AWG WHT/ORN
24 AWG BRN
24 AWG WHT/BRN
24 AWG WHT/BLU
24 AWG BLU
24 AWG GRN
24 AWG WHT/GRN
24 AWG ORN
24 AWG WHT/ORN
B4
F1
F3
F2
F4
K1
K3
K2
K4
P1
P3
P2
P4
J


Similar Part No. - 8071-4650-MT-72

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
8071-4645-M-72 GLENAIR-8071-4645-M-72 Datasheet
146Kb / 3P
   Data and Power Cable Assembly for Media Converters
8071-4648-M-72 GLENAIR-8071-4648-M-72 Datasheet
160Kb / 3P
   Power Cable Assembly for Media Converters
8071-4649-M-72 GLENAIR-8071-4649-M-72 Datasheet
148Kb / 3P
   Data Cable Assembly for Media Converters
More results

Similar Description - 8071-4650-MT-72

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
8071-4649-M-72 GLENAIR-8071-4649-M-72 Datasheet
148Kb / 3P
   Data Cable Assembly for Media Converters
8071-4645-M-72 GLENAIR-8071-4645-M-72 Datasheet
146Kb / 3P
   Data and Power Cable Assembly for Media Converters
8071-4648-M-72 GLENAIR-8071-4648-M-72 Datasheet
160Kb / 3P
   Power Cable Assembly for Media Converters
logo
List of Unclassifed Man...
HEMC3 ETC2-HEMC3 Datasheet
392Kb / 3P
   Media Converters
HEMC2 ETC2-HEMC2 Datasheet
402Kb / 3P
   Media Converters
logo
Bel Fuse Inc.
T2-SERIES BEL-T2-SERIES Datasheet
2Mb / 13P
   TFOCA Media Converters
logo
Advantech Co., Ltd.
850-13101 ADVANTECH-850-13101 Datasheet
618Kb / 2P
   Chassis for ?쐇McV??Series Modular Media Converters
logo
Black Box Registered Tr...
LMC213A-SMSC-R2 BLACKBOX-LMC213A-SMSC-R2 Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
logo
MRV Communications, Inc...
EM316F-M MRV-EM316F-M Datasheet
239Kb / 4P
   Copper to Fiber Media Converters
EM316GCL-M MRV-EM316GCL-M Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com