Electronic Components Datasheet Search |
|
FDV0620-H-2R2M Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
FDV0620-H-2R2M Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page L size 7.4 ±0.3mm W size 6.7 ±0.3mm T size 2.0 mm Size code in inch (mm) 2926 (7467) Rated current (Isat) is specified when the decrease of the initial inductance value at 20%. (The ambient reference temperature is 20℃.) Rated current (Itemp) is specified when temperature of inductor the is raised 40℃ by DC current. (The ambient reference temperature is 20℃.) Packaging code Specifications Minimum quantity =P3 φ 330mm Embossed taping 1500 Mass (Typ.) 1 piece 0.47g Inductance 2.2µH ±20% Inductance test frequency 0.1MHz Rated current (Isat) (Based on Inductance change) 5100mA Rated current (Itemp) (Based on Temperature rise) 4000mA Max. of DC resistance 0.0370Ω Operating temperature range (Self-temperature rise is included) -20〜100℃ Class of magnetic shield Metal Alloy Absolute maximum voltage 30V DC Series FDV0620 FDV0620-H-2R2M# “#”indicatesapackagespecificationcode. < List of part numbers with package codes > FDV0620-H-2R2M=P3 Shape Notes References Specifications Last updated: 2017/08/03 1 of 2 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ |
Similar Part No. - FDV0620-H-2R2M |
|
Similar Description - FDV0620-H-2R2M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |