Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JC201 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # JC201
Description  AC Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JC201 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  JC201 Datasheet HTML 1Page - List of Unclassifed Manufacturers JC201 Datasheet HTML 2Page - List of Unclassifed Manufacturers JC201 Datasheet HTML 3Page - List of Unclassifed Manufacturers JC201 Datasheet HTML 4Page - List of Unclassifed Manufacturers JC201 Datasheet HTML 5Page - List of Unclassifed Manufacturers JC201 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
183
http://www.jelsystem.co.jp
E-mail:ssr@jelsystem.co.jp
※本カタログの掲載内容については改良等の為変更する場合があります。ご使用に際しては、納入仕様書等でご確認ください。
※不明な点は弊社までお問い合わせください。
JC201DN, JC201DC
0
0.5
1.0
1.5
1.2
1.0
0.8
0.6
0.4
0.2
0
オン電流−オン電圧特性
オン電圧 Vt〔V〕
On State Voltage Drop
On State Load Current VS.
On State Voltage Drop
IT
〔A〕
(代表値)
IF=20mA
Ta=25℃
10
20
30
40 50
100
40
20
50
100
30
10
ターンオン時間−順電流特性
順電流 IF〔mA〕
Forward Current
ton
〔μs〕
(JC201DC)
(代表値)
VD=6V
RL=100Ω
Ta=25℃
Turn On Time VS. Forward Current
10
20
30
40 50
100
40
50
100
200
30
20
ターンオン時間−順電流特性
順電流 IF〔mA〕
Forward Current
ton
〔μs〕
(JC201DN)
(代表値)
VD=6V
RL=100Ω
Ta=25℃
Turn On Time VS. Forward Current


Similar Part No. - JC201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JC202PC1 ETC1-JC202PC1 Datasheet
66Kb / 4P
   AC Solid State Relay
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
   AC Solid State Relay
JC202PN1 ETC1-JC202PN1 Datasheet
66Kb / 4P
   AC Solid State Relay
JC202PN2 ETC1-JC202PN2 Datasheet
66Kb / 4P
   AC Solid State Relay
JC208C ETC1-JC208C Datasheet
137Kb / 6P
   AC Solid State Relay
More results

Similar Description - JC201

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
   AC Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
   AC Solid-State Relay
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
   AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
   AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
   AC SOLID STATE RELAY
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
   AC Solid State Relay
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
   AC Solid State Relay
logo
celduc-relais
SPA07420 CELDUC-SPA07420 Datasheet
78Kb / 2P
   AC Solid State Relay
logo
Clare, Inc.
CPC1945G CLARE-CPC1945G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com