Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J205557_HD74ALVC1G07 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # J205557_HD74ALVC1G07
Description  Single Buffer / Driver with Open Drain
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

J205557_HD74ALVC1G07 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button J205557_HD74ALVC1G07 Datasheet HTML 3Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 4Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 5Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 6Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 7Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 8Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 9Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 10Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74ALVC1G07
5
スイッチング特性
(V
CC = 1.2 V)
Ta = –40
∼85°C
項目
記号
Min
Typ
Max
単位
測定条件
FROM
(
入力)
TO
(
出力)
伝搬遅延時間
t
ZL
t
LZ
—5.5
ns
C
L = 15 pF
A
Y
(V
CC = 1.5±0.1 V)
Ta = –40
∼85°C
項目
記号
Min
Typ
Max
単位
測定条件
FROM
(
入力)
TO
(
出力)
伝搬遅延時間
t
ZL
t
LZ
1.0
7.0
ns
C
L = 15 pF
A
Y
(V
CC = 1.8±0.15 V)
Ta = –40
∼85°C
項目
記号
Min
Typ
Max
単位
測定条件
FROM
(
入力)
TO
(
出力)
伝搬遅延時間
t
ZL
t
LZ
1.0
5.0
ns
C
L = 30 pF
A
Y
(V
CC = 2.5±0.2 V)
Ta = –40
∼85°C
項目
記号
Min
Typ
Max
単位
測定条件
FROM
(
入力)
TO
(
出力)
伝搬遅延時間
t
ZL
t
LZ
0.5
3.5
ns
C
L = 30 pF
A
Y
(V
CC = 3.3±0.3 V)
Ta = –40
∼85°C
項目
記号
Min
Typ
Max
単位
測定条件
FROM
(
入力)
TO
(
出力)
伝搬遅延時間
t
ZL
t
LZ
0.5
2.5
ns
C
L = 30 pF
A
Y
動作特性
Ta = 25°C
項目
記号
V
CC(V)
Min
Typ
Max
単位
測定条件
1.5
2.0
1.8
2.0
2.5
2.5
等価内部容量
C
PD
3.3
3.5
pF
f = 10MHz


Similar Part No. - J205557_HD74ALVC1G07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
J205001_HD29026A RENESAS-J205001_HD29026A Datasheet
235Kb / 18P
   Dual CCD Drivers
logo
Hitachi Semiconductor
J205027_HD29051 HITACHI-J205027_HD29051 Datasheet
221Kb / 15P
   Dual Differential Line Drivers / Receivers with 3-state Outputs
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
More results

Similar Description - J205557_HD74ALVC1G07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G07 RENESAS-HD74ALVC1G07 Datasheet
73Kb / 7P
   Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
   Single Buffer / Driver with Open Drain
RD74LVC1G07 RENESAS-RD74LVC1G07 Datasheet
1Mb / 7P
   Single Buffer / Driver with Open Drain
logo
STMicroelectronics
74LX1G07 STMICROELECTRONICS-74LX1G07_08 Datasheet
422Kb / 20P
   Single buffer/driver with open drain
74LX1G07 STMICROELECTRONICS-74LX1G07 Datasheet
114Kb / 10P
   SINGLE BUFFER/DRIVER (OPEN DRAIN)
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com