Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J205557_HD74ALVC1G07 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # J205557_HD74ALVC1G07
Description  Single Buffer / Driver with Open Drain
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

J205557_HD74ALVC1G07 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button J205557_HD74ALVC1G07 Datasheet HTML 2Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 3Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 4Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 5Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 6Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 7Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 8Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 9Page - Hitachi Semiconductor J205557_HD74ALVC1G07 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HD74ALVC1G07
4
DC
電気的特性
(Ta = –40
∼85°C)
項目
記号
V
CC (V)
*1
Min
Typ
Max
単位
測定条件
1.2
V
CC×0.75
1.4
∼ 1.6
V
CC×0.7
1.65
∼ 1.95 V
CC×0.7
2.3
∼ 2.7
1.7
V
IH
3.0
∼ 3.6
2.0
1.2
V
CC×0.25
1.4
∼ 1.6
V
CC×0.3
1.65
∼ 1.95
V
CC×0.3
2.3
∼ 2.7
0.7
入力電圧
V
IL
3.0
∼ 3.6
0.8
V
Min
∼ Max
0.2
I
OL = 100 µA
1.2
0.3
I
OL = 2 mA
1.4
0.3
I
OL = 4 mA
1.65
0.3
I
OL = 6 mA
2.3
0.55
I
OL = 18 mA
出力電圧
V
OL
3.0
0.55
V
I
OL = 24 mA
入力電流
I
IN
3.6
±5
µAV
IN = 3.6 V or GND
オフ状態出力電流
I
OZ
3.6
±5
µAV
OUT = VCC or GND
静的消費電流
I
CC
3.6
10
µAV
IN = VCC or GND,
I
O = 0
電源オフリーク電流
I
OFF
0—
5
µA V
IN or VOUT =
0
∼ 3.6V
入力端子容量
C
IN
3.3
4.5
pF
V
IN = VCC or GND
注)
1. Min, Max
値の条件は、推奨動作条件で指定された正しい値を使用してください。


Similar Part No. - J205557_HD74ALVC1G07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
J205001_HD29026A RENESAS-J205001_HD29026A Datasheet
235Kb / 18P
   Dual CCD Drivers
logo
Hitachi Semiconductor
J205027_HD29051 HITACHI-J205027_HD29051 Datasheet
221Kb / 15P
   Dual Differential Line Drivers / Receivers with 3-state Outputs
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
More results

Similar Description - J205557_HD74ALVC1G07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G07 RENESAS-HD74ALVC1G07 Datasheet
73Kb / 7P
   Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
   Single Buffer / Driver with Open Drain
RD74LVC1G07 RENESAS-RD74LVC1G07 Datasheet
1Mb / 7P
   Single Buffer / Driver with Open Drain
logo
STMicroelectronics
74LX1G07 STMICROELECTRONICS-74LX1G07_08 Datasheet
422Kb / 20P
   Single buffer/driver with open drain
74LX1G07 STMICROELECTRONICS-74LX1G07 Datasheet
114Kb / 10P
   SINGLE BUFFER/DRIVER (OPEN DRAIN)
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com