Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805X103K2RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805X103K2RACTU
Description  Ceramic, SMD Comm X7R Flex, 0.01 uF, 10%, 200 V, 0805, X7R, SMD, MLCC, FT-CAP, Temperature Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805X103K2RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805X103K2RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 7/19/2017 - c942860d-2b9c-4da3-a834-914c397314f1
KEMET Part Number: C0805X103K2RACTU
(C0805X103K2RAC7800)
Ceramic, SMD Comm X7R Flex, 0.01 uF, 10%, 200 V, 0805, X7R, SMD, MLCC, FT-CAP, Temperature Stable
Dimensions
L
2mm +/-0.3mm
W
1.25mm +/-0.3mm
T
0.78mm +/-0.20mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: SMD Comm X7R Flex
Chip Size: 0805
Description: SMD, MLCC, FT-CAP,
Temperature Stable
Features: FT-CAP, Temperature Stable
RoHS: Yes
Termination: Flexible Termination
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 10%
Voltage DC: 200 VDC
Dielectric Withstanding
Voltage: 500 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805X103K2RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X103K2RACAUTO KEMET-C0805X103K2RACAUTO Datasheet
61Kb / 1P
   SMD Auto X7R Flex, Ceramic, 0.01 uF, 10%, 200 VDC, X7R, SMD, MLCC, FT-CAP, Automotive Grade, 0805
More results

Similar Description - C0805X103K2RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X103K3RACTU KEMET-C0805X103K3RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 0.01 uF, 10%, 25 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0805
C0805X103K4RACTU KEMET-C0805X103K4RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 0.01 uF, 10%, 16 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0805
C0805X103K5RAC7210 KEMET-C0805X103K5RAC7210 Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 0.01 uF, 10%, 50 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0805
C1206X103K2RACTU KEMET-C1206X103K2RACTU Datasheet
59Kb / 1P
   SMD Comm X7R Flex, Ceramic, 0.01 uF, 10%, 200 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 1206
C0603X103K2RACTU KEMET-C0603X103K2RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 0.01 uF, 10%, 200 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0603
C0805X473K2RACTU KEMET-C0805X473K2RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 0.047 uF, 10%, 200 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0805
C0805X223K2RACTU KEMET-C0805X223K2RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 0.022 uF, 10%, 200 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0805
C0805X475K8RACTU KEMET-C0805X475K8RACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm X7R Flex, 4.7 uF, 10%, 10 V, 0805, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0805X105K8RACTU KEMET-C0805X105K8RACTU Datasheet
71Kb / 1P
   SMD Comm X7R Flex, Ceramic, 1 uF, 10%, 10 V, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0805
C0805X103KCRACTU KEMET-C0805X103KCRACTU Datasheet
57Kb / 1P
   SMD Comm X7R HV Flex, Ceramic, 0.01 uF, 10%, 500 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0805
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com