Electronic Components Datasheet Search |
|
C0603C561J3GACTU Datasheet(PDF) 1 Page - Kemet Corporation |
|
C0603C561J3GACTU Datasheet(HTML) 1 Page - Kemet Corporation |
|
1 / 1 page Generated 7/19/2017 - de38fc57-1455-48ba-b584-b271ad658397 KEMET Part Number: C0603C561J3GACTU (C0603C561J3GAC7867) Ceramic, SMD Comm C0G, 560 pF, 5%, 25 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I Dimensions L 1.6mm +/-0.15mm W 0.8mm +/-0.15mm T 0.8mm +/-0.07mm S 0.7mm MIN B 0.35mm +/-0.15mm Packaging Specifications Packaging: T&R, 180mm, Paper Tape Packaging Quantity: 4000 General Information Style: SMD Chip Series: SMD Comm C0G Chip Size: 0603 Description: SMD, MLCC, Ultra-Stable, Low Loss, Class I Features: Ultra-Stable, Low Loss, Class I RoHS: Yes Termination: Tin Marking: No Failure Rate: N/A Specifications Capacitance: 560 pF Capacitance Tolerance: 5% Voltage DC: 25 VDC Dielectric Withstanding Voltage: 62.5 V Temperature Range: -55/+125C Temperature Coefficient: C0G Dissipation Factor: 0.1% 1MHz 25C Aging Rate: 0% Loss/Decade Hour Insulation Resistance: 100 GOhms © 2006 - 2017 IntelliData.net Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained. |
Similar Part No. - C0603C561J3GACTU |
|
Similar Description - C0603C561J3GACTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |