Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10P7212S11 Datasheet(PDF) 1 Page - Micon Design Technology Corporation

Part # MDT10P7212S11
Description  8-bit micro-controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P7212S11 Datasheet(HTML) 1 Page - Micon Design Technology Corporation

  MDT10P7212S11 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10P7212S11 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P7212S11 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P7212S11 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P7212S11 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P7212S11 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P7212S11 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P7212S11 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P7212S11 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MDT10P7212
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 1
2011/3 VER1.4
1. General Description
This EPROM-Based 8-bit micro-controller uses a fully
static CMOS technology process to achieve higher
speed and smaller size with the low power consumption
and high noise immunity. On chip memory includes 4K
words of ROM, and 192 bytes of static RAM.
2. Features
The followings are some of the features on the
hardware and software:
Fully CMOS static design
8-bit data bus
On chip EPROM size: 4.0 K words
Internal RAM size: 192 bytes
37 single word instructions
14-bit instructions
8-level stacks
Operating voltage: 2.5 V ~ 5.5 V (PRD Disable)
4.5 V ~ 5.5 V (PRD Enable)
Operating frequency: DC ~ 20 MHz
The most fast execution time is 200 ns under 20
MHz in all single cycle instructions except the
branch instruction
Addressing modes include direct, indirect and
relative addressing modes
Power-on Reset
Power edge-detector Reset
Power range-detector Reset
Sleep Mode for power saving
Capture, Compare, PWM module
7 interrupt sources:
-External INT pin
-TMR0 timer, TMR1 timer, TMR2 timer
-A/D conversion completion
-Port B<7:4> interrupt on change
-CCP1
A/D converter module:
-8 analog inputs multiplexed into one A/D
converter
-10-bit resolution
TMR0: 8-bit real time clock/counter
TMR1: 16-bit real time clock/count
TMR2: 8-bit clock/counter (internal)
5 types of oscillator can be selected by
programming option:
RC-Low cost RC oscillator
LFXT-Low frequency crystal oscillator
XTAL-Standard crystal oscillator
HFXT-High frequency crystal oscillator
IRC-Internal 8MHz RC oscillator
On-chip RC oscillator based Watchdog Timer
(WDT)
18/20 I/O pins with their own independent direction
control
3. Applications
The application areas of this MDT10P7212 range from
appliance motor control and high speed auto-motive to
low power remote transmitters/receivers, pointing
devices, and telecommunications processors, such as
Remote controller, small instruments, chargers, toy,
automobile and PC peripheral … etc.


Similar Part No. - MDT10P7212S11

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P7212S11 MDTIC-MDT10P7212S11 Datasheet
100Kb / 14P
   8-bit micro-controller
More results

Similar Description - MDT10P7212S11

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com