Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C64-3 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS24C64-3
Description  65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C64-3 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS24C64-3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C64-3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C64-3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C64-3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C64-3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C64-3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C64-3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C64-3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C64-3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
PRELIMINARY INFORMATION
Rev. 00B
04/04/01
IS24C32-2/3
IS24C64-2/3
ISSI®
DEVICE OPERATION
The IS24CXX family features a serial communication and
supports a bi-directional 2-wire bus transmission protocol.
2-WIRE BUS
Thetwo-wirebusisdefinedasaSerialDataline(SDA),andaSerial
ClockLine(SCL). Theprotocoldefinesanydevicethatsendsdata
onto the SDA bus as a transmitter, and the receiving devices as a
receiver. ThebusiscontrolledbyMASTERdevicewhichgenerates
the SCL, controls the bus access and generates the STOP and
STARTconditions. TheIS24CXXistheSLAVEdeviceonthebus.
The Bus Protocol:
– Data transfer may be initiated only when the bus is not busy
– During a data transfer, the data line must remain stable
whenever the clock line is high. Any changes in the
data line while the clock line is high will be interpreted
as a START or STOP condition.
The state of the data line represents valid data when after
a START condition, the data line is stable for the duration
of the HIGH period of the clock signal. The data on the
SDA line may be changed during the LOW period of the
clock signal. There is one clock pulse per bit of data. Each
data transfer is initiated with a START condition and
terminated with a STOP condition.
START Condition
The START condition precedes all commands to the device
and is defined as a HIGH to LOW transition of SDA when
SCL is HIGH. The IS24CXX monitors the SDA and SCL
lines and will not respond until the START condition is met.
STOP Condition
The STOP condition is defined as a LOW to HIGH
transition of SDA when SCL is HIGH. All operations must
end with a STOP condition.
ACKnowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge. The Acknowledging
device pulls down the SDA line.
DEVICE ADDRESSING
The MASTER begins a transmission by sending a START
condition. The MASTER then sends the address of the particular
slavedevicesitisrequesting. TheSLAVE(Fig.5)addressis8bits.
The four most significant bits of the address are fixed as
1010 for the IS24CXX.
The 32K/64K uses the three device address bits A2, A1,
A0 to allow as many as eight devices on the same bus.
These bits must compare to their corresponding hardwired
input pins. The A2, A1, and A0 pins use an internal
proprietary circuit that biases them to a logic low condition
if the pins are allowed to float.
The last bit of the slave address specifies whether a Read
or Write operation is to be performed. When this bit is set
to 1, a Read operation is selected, and when set to 0, a
Write operation is selected.
After the MASTER sends a START condition and the
SLAVE address byte, the IS24CXX monitors the bus and
responds with an Acknowledge (on the SDA line) when its
address matches the transmitted slave address. The
IS24CXX pulls down the SDA line during the ninth clock
cycle, signaling that it received the eight bits of data. The
IS24CXX then performs a Read or Write operation
depending on the state of the R/
W bit.
WRITE OPERATION
Byte Write
In the Byte Write mode, the Master device sends the START
condition and the slave address information (with the R/
W
set to Zero) to the Slave device. After the Slave generates
an acknowledge, the Master sends two byte addresses that
are to be written into the address pointer of the
IS24CXX. After receiving another acknowledge from the
Slave, the Master device transmits the data byte to be written
intotheaddressmemorylocation. The IS24CXX acknowledges
once more and the Master generates the STOP condition,
at which time the device begins its internal programming
cycle. While this internal cycle is in progress, the device
will not respond to any request from the Master device.
Page Write
The IS24CXX is capable of 32-byte page-WRITE operation.
A page-WRITE is initiated in the same manner as a byte
write, but instead of terminating the internal write cycle after
the first data word is transferred, the master device can
transmit up to 31 more bytes. After the receipt of each data
word, the IS24CXX responds immediately with an
ACKnowledge on SDA line, and the five lower order data
word address bits are internally incremented by one, while
the five higher order bits of the data word address remain
constant. If the master device should transmit more than
32 words, prior to issuing the STOP condition, the address
counter will “roll over,” and the previously written data will
be overwritten. Once all 32 bytes are received and the
STOP condition has been sent by the Master, the internal
programming cycle begins. At this point, all received data
is written to the IS24CXX in a single write cycle. All inputs
are disabled until completion of the internal WRITE cycle.


Similar Part No. - IS24C64-3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C64A ISSI-IS24C64A Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C64A-2GI ISSI-IS24C64A-2GI Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C64A-2GLI ISSI-IS24C64A-2GLI Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C64A-2PI ISSI-IS24C64A-2PI Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C64A-2PLI ISSI-IS24C64A-2PLI Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C64-3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
MTV24C08 ETC-MTV24C08 Datasheet
103Kb / 14P
   2-Wire 8912-Bit Serial CMOS EEPROM
logo
Integrated Silicon Solu...
24C256 ISSI-24C256 Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
24C128 ISSI-24C128 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com