Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKC196-04 Datasheet(PDF) 11 Page - International Rectifier

Part # IRKC196-04
Description  STANDARD RECOVERY DIODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKC196-04 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRKC196-04 Datasheet HTML 4Page - International Rectifier IRKC196-04 Datasheet HTML 5Page - International Rectifier IRKC196-04 Datasheet HTML 6Page - International Rectifier IRKC196-04 Datasheet HTML 7Page - International Rectifier IRKC196-04 Datasheet HTML 8Page - International Rectifier IRKC196-04 Datasheet HTML 9Page - International Rectifier IRKC196-04 Datasheet HTML 10Page - International Rectifier IRKC196-04 Datasheet HTML 11Page - International Rectifier IRKC196-04 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRK.166, .196, .236 Series
11
Bulletin I27116 rev. C 03/02
www.irf.com
Fig.28 - On State Voltage Drop Characteristics
Fig.29 - On State Voltage Drop Characteristics
Fig.30 - On State Voltage Drop Characteristics
Fig.31 - Thermal Impedance Z
thJC Characteristics
Fig.33 - Thermal Impedance Z
thJC Characteristics
Fig.32 - Thermal Impedance Z
thJC Characteristics
Instantaneous On-state Voltage (V)
1
10
100
1000
10000
0
0.5
1
1.5
2
2.5
3
3.5
4
T = 25˚C
J
IRK.166.. Series
Per Junction
T = 150˚C
J
Instantaneous On-state Voltage (V)
1
10
100
1000
10000
0123
4
5
T = 25˚C
J
T = 150˚C
J
IRK.196.. Series
Per Junction
Instantaneous On-state Voltage (V)
1
10
100
1000
10000
0123
4
5
T = 25˚C
J
T = 150˚C
J
IRK.236.. Series
Per Junction
Square Wave Pulse Duration (s)
0.01
0.1
1
0.01
0.1
1
10
IRK.166.. Series
Steady State Value
(DC Operation)
Square Wave Pulse Duration (s)
Square Wave Pulse Duration (s)
0.01
0.1
1
0.01
0.1
1
10
Steady State Value
(DC Operation)
IRK.196.. Series
0.01
0.1
1
0.01
0.1
1
10
Steady State Value
(DC Operation)
IRK.236.. Series


Similar Part No. - IRKC196-04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKC250 IRF-IRKC250 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRKC250-24 IRF-IRKC250-24 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRKC270 IRF-IRKC270 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRKC270-24 IRF-IRKC270-24 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRKC320 IRF-IRKC320 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
More results

Similar Description - IRKC196-04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com