Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZVFH18B Datasheet(PDF) 2 Page - Rohm

Part # UDZVFH18B
Description  Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UDZVFH18B Datasheet(HTML) 2 Page - Rohm

  UDZVFH18B Datasheet HTML 1Page - Rohm UDZVFH18B Datasheet HTML 2Page - Rohm UDZVFH18B Datasheet HTML 3Page - Rohm UDZVFH18B Datasheet HTML 4Page - Rohm UDZVFH18B Datasheet HTML 5Page - Rohm UDZVFH18B Datasheet HTML 6Page - Rohm UDZVFH18B Datasheet HTML 7Page - Rohm UDZVFH18B Datasheet HTML 8Page - Rohm UDZVFH18B Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UDZVFH Series
                                    Data sheet
Characteristic (Ta = 25ºC)
           
  
  
  
  
  
  
  
  
 
P/N
Symbol
Zener Voltage:VZ(V)
Dynamic Impedance:ZZ(Ω) Zener Impedance:ZZK(Ω) Reverse Current:IR(μA)
MIN.
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
VR(V)
UDZVFH2.0B
2.020
2.200
5
100
5
1000
0.5
120
0.5
UDZVFH2.2B
2.220
2.410
5
100
5
1000
0.5
120
0.7
UDZVFH2.4B
2.430
2.630
5
100
5
1000
0.5
120
1.0
UDZVFH2.7B
2.690
2.910
5
110
5
1000
0.5
100
1.0
UDZVFH3.0B
3.010
3.220
5
120
5
1000
0.5
50
1.0
UDZVFH3.3B
3.320
3.530
5
120
5
1000
0.5
20
1.0
UDZVFH3.6B
3.600
3.845
5
100
5
1000
1.0
10
1.0
UDZVFH3.9B
3.890
4.160
5
100
5
1000
1.0
5
1.0
UDZVFH4.3B
4.170
4.430
5
100
5
1000
1.0
5
1.0
UDZVFH4.7B
4.550
4.750
5
100
5
800
0.5
2
1.0
UDZVFH5.1B
4.980
5.200
5
80
5
500
0.5
2
1.5
UDZVFH5.6B
5.490
5.730
5
60
5
200
0.5
1
2.5
UDZVFH6.2B
6.060
6.330
5
60
5
100
0.5
1
3.0
UDZVFH6.8B
6.650
6.930
5
40
5
60
0.5
0.5
3.5
UDZVFH7.5B
7.280
7.600
5
30
5
60
0.5
0.5
4.0
UDZVFH8.2B
8.020
8.360
5
30
5
60
0.5
0.5
5.0
UDZVFH9.1B
8.850
9.230
5
30
5
60
0.5
0.5
6.0
UDZVFH10B
9.770
10.210
5
30
5
60
0.5
0.1
7.0
UDZVFH11B
10.760
11.220
5
30
5
60
0.5
0.1
8.0
UDZVFH12B
11.740
12.240
5
30
5
80
0.5
0.1
9.0
UDZVFH13B
12.910
13.490
5
37
5
80
0.5
0.1
10.0
UDZVFH15B
14.340
14.980
5
42
5
80
0.5
0.1
11.0
UDZVFH16B
15.850
16.510
5
50
5
80
0.5
0.1
12.0
UDZVFH18B
17.560
18.350
5
65
5
80
0.5
0.1
13.0
UDZVFH20B
19.520
20.390
5
85
5
100
0.5
0.1
15.0
UDZVFH22B
21.540
22.470
5
100
5
100
0.5
0.1
17.0
UDZVFH24B
23.720
24.780
5
120
5
120
0.5
0.1
19.0
UDZVFH27B
26.190
27.530
5
150
5
150
0.5
0.1
21.0
UDZVFH30B
29.190
30.690
5
200
5
200
0.5
0.1
23.0
UDZVFH33B
32.150
33.790
5
250
5
250
0.5
0.1
25.0
UDZVFH36B
35.070
36.870
5
300
5
300
0.5
0.1
27.0
UDZVFH39B
38.020
39.980
2
300
2
-
-
0.1
30.0
UDZVFH43
40.000
45.000
2
550
2
-
-
0.1
33.0
UDZVFH47
44.000
49.000
2
600
2
-
-
0.1
36.0
VZ test time is 40ms.
                     
Marking
 
P/N
Marking
P/N
Marking
 
UDZVFH2.0B
02
UDZVFH10B
05
 
UDZVFH2.2B
12
UDZVFH11B
15
 
UDZVFH2.4B
22
UDZVFH12B
25
 
UDZVFH2.7B
32
UDZVFH13B
35
 
UDZVFH3.0B
42
UDZVFH15B
45
 
UDZVFH3.3B
52
UDZVFH16B
55
 
UDZVFH3.6B
62
UDZVFH18B
65
 
UDZVFH3.9B
72
UDZVFH20B
75
 
UDZVFH4.3B
82
UDZVFH22B
85
 
UDZVFH4.7B
92
UDZVFH24B
95
 
UDZVFH5.1B
A2
UDZVFH27B
A5
 
UDZVFH5.6B
C2
UDZVFH30B
C5
 
UDZVFH6.2B
E2
UDZVFH33B
E5
 
UDZVFH6.8B
F2
UDZVFH36B
F5
UDZVFH7.5B
H2
UDZVFH39B
H5
UDZVFH8.2B
J2
UDZVFH43
L8
UDZVFH9.1B
L2
UDZVFH47
M8
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
2/6
 
               
2017/01/12_Rev.002


Similar Part No. - UDZVFH18B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZVFH18B ROHM-UDZVFH18B	 Datasheet
2Mb / 10P
   Zener Diode
UDZVFH18B ROHM-UDZVFH18B Datasheet
2Mb / 10P
   Zener Diode
UDZVFH18B ROHM-UDZVFH18B Datasheet
2Mb / 10P
   Zener Diode
UDZVFH18B ROHM-UDZVFH18B Datasheet
2Mb / 10P
   Zener Diode
UDZVFH18B ROHM-UDZVFH18B Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - UDZVFH18B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com