Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3011 Datasheet(PDF) 6 Page - International Rectifier

Part # IRU3011
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3011 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRU3011 Datasheet HTML 2Page - International Rectifier IRU3011 Datasheet HTML 3Page - International Rectifier IRU3011 Datasheet HTML 4Page - International Rectifier IRU3011 Datasheet HTML 5Page - International Rectifier IRU3011 Datasheet HTML 6Page - International Rectifier IRU3011 Datasheet HTML 7Page - International Rectifier IRU3011 Datasheet HTML 8Page - International Rectifier IRU3011 Datasheet HTML 9Page - International Rectifier IRU3011 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Rev. 1.6
08/20/02
IRU3011
www.irf.com
TYPICAL APPLICATION
Synchronous Operation
(Dual Layout with HIP6004B)
Part #
R5
R7
R8
R9
C4
C7
C9
C11
C12
C13
D1
HIP6004B
O
V
V
V
V
O
O
V
V
V
V
IRU3011
S
O
O
V
O
V
V
O
O
O
O
Figure 3 - Typical application of IRU3011 in an on board DC-DC converter
providing the Core supply for microprocessor.
Table 2 - Components that need to be modified to make
the dual layout work for IRU3011and HIP6004B.
S - Short
O - Open
V - See IR or Harris parts list for the value
Vcore
5V
12V
VID0
Power Good
Q2
VID1
VID2
VID3
VID4
L1
C5
R1
C3
C6
Q1
R2
R3
C8
R4
C10
C14
C1
C7
C2
R6
C12
R8
C13
C11
R7
R9
R5
C9
D1
C4
Vcc3
R13
L2
R10
R11
C15
R12
HDrv
LDrv
NC/Gnd
SS
CS+
Gnd
NC/Sen
D3
D2
D4
D1
D0
IRU3011
V FB
V5/Comp
CS-
V12
NC/
Boot
OVP
PGd
Ct/Rt


Similar Part No. - IRU3011

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
More results

Similar Description - IRU3011

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
International Rectifier
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
IRU3055 IRF-IRU3055 Datasheet
355Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
International Rectifier
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
   5-Bit Programmable Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com