Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYH0H473ZF Datasheet(PDF) 6 Page - Kemet Corporation

Part # FYH0H473ZF
Description  Supercapacitors FY Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FYH0H473ZF Datasheet(HTML) 6 Page - Kemet Corporation

Back Button FYH0H473ZF Datasheet HTML 2Page - Kemet Corporation FYH0H473ZF Datasheet HTML 3Page - Kemet Corporation FYH0H473ZF Datasheet HTML 4Page - Kemet Corporation FYH0H473ZF Datasheet HTML 5Page - Kemet Corporation FYH0H473ZF Datasheet HTML 6Page - Kemet Corporation FYH0H473ZF Datasheet HTML 7Page - Kemet Corporation FYH0H473ZF Datasheet HTML 8Page - Kemet Corporation FYH0H473ZF Datasheet HTML 9Page - Kemet Corporation FYH0H473ZF Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6015_FY • 10/6/2016
Supercapacitors – FY Series
Specifications cont’d
Marking
A1
001
A1
FYD
FYD
5.5 V
0.047 F
5.5 V
0.047 F
Negative polarity
identification mark
Maximum
operating voltage
Nominal
capacitance
Date
code
Serial
number
Item
FY Type (FYD, FYH, FYL)
Test Conditions
(conforming to JIS C 5160-1)
Temperature Cycle
Capacitance
Satisfy initial ratings
Conforms to 4.12
Temperature
Condition:
Number of cycles:
−25°C » Room
temperature»+70°C »
Room temperature
5 cycles
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
High Temperature and
High Humidity Resistance
Capacitance
Within±20%ofinitialvalue
Conforms to 4.14
Temperature:
Relative humidity:
Testing time:
+40±2°C
90to95%RH
240±8hours
ESR
≤120%ofinitialratings
Current (30 minutes value)
≤120%ofinitialratings
Appearance
No obvious abnormality
High Temperature Load
Capacitance
Within±30%ofinitialvalue
Conforms to 4.15
Temperature:
Voltage applied:
Series protection
resistance:
Testing time:
+70±2°C
Maximum operating
voltage
1,000+48(+48/−0)
hours
ESR
<200%ofinitialratings
Current (30 minutes value)
<200%ofinitialratings
Appearance
No obvious abnormality
Self Discharge Characteristics
(Voltage Holding Characteristics)
Voltage between terminal leads > 4.2 V
Charging condition
Voltage applied:
Series resistance:
Charging time:
5.0 VDC (Terminal at
the case side must be
negative)
24 hours
Storage
Let stand for 24 hours in condition described
below with terminals opened.
Ambient
temperature:
Relative humidity:
< 25ºC
<70%RH


Similar Part No. - FYH0H473ZF

ManufacturerPart #DatasheetDescription
logo
NEC
FYH0H473ZF NEC-FYH0H473ZF Datasheet
476Kb / 39P
   Super Capacitors
More results

Similar Description - FYH0H473ZF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
   Supercapacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com