Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC0H224ZFTBR24 Datasheet(PDF) 5 Page - Kemet Corporation

Part # FC0H224ZFTBR24
Description  Supercapacitors FC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0H224ZFTBR24 Datasheet(HTML) 5 Page - Kemet Corporation

  FC0H224ZFTBR24 Datasheet HTML 1Page - Kemet Corporation FC0H224ZFTBR24 Datasheet HTML 2Page - Kemet Corporation FC0H224ZFTBR24 Datasheet HTML 3Page - Kemet Corporation FC0H224ZFTBR24 Datasheet HTML 4Page - Kemet Corporation FC0H224ZFTBR24 Datasheet HTML 5Page - Kemet Corporation FC0H224ZFTBR24 Datasheet HTML 6Page - Kemet Corporation FC0H224ZFTBR24 Datasheet HTML 7Page - Kemet Corporation FC0H224ZFTBR24 Datasheet HTML 8Page - Kemet Corporation FC0H224ZFTBR24 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6011_FC • 3/29/2017
Supercapacitors – FC Series
FC Type
FCS Type
250
200
150
100
50
0
Time (seconds)
Tp Time exceeding 200°C
120seconds
160°C
Reflow Profile
Peak temperature
Peak Temperature:
235°C, within 10 seconds
250
240
230
220
210
200
Tp (seconds)
Tp Time Exceeding 200°C
0
10
20
30
40
50
60
Reflow Profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
200°C
150°C
260°C
Temperature on the
Capacitor Top
217°C
150
seconds
70
seconds
Above "Reflow Profile" graph indicates temperature at the terminals
and capacitor top.
Precautions for Use
• Thisseriesisexclusivelyforreflowsoldering.Itisdesignedforthermalconductionsystemsuchascombinationuseof
infrared ray and heat blow. Consult with KEMET before applying other methods.
• Thereflowconditionmustbekeptwithinreflowprofilegraphsshownbelow.
• Applyingreflowsolderingislimitedto2times.Afterthefirstreflow,cooldownthecapacitorthoroughlyto5–35°C
beforethesecondreflow.
AlwaysconsultwithKEMETwhenapplyingreflowsolderinginamoresevereconditionthantheconditiondescribedhere.
Above "Reflow Profile" graph indicates temperature at the terminals and
capacitor top.
Peak Temperature
Below+260°C
Over+255°C
Within 10 seconds
Over+230°C
Within 45 seconds
Over+220°C
Within 60 seconds
Over+217°C
Within 70 seconds
Timebetween+150°Cto
+200°C(temperaturezone
over+170°Cwithin50
seconds)
150 seconds


Similar Part No. - FC0H224ZFTBR24

ManufacturerPart #DatasheetDescription
logo
NEC
FC0H224ZFTBR24 NEC-FC0H224ZFTBR24 Datasheet
476Kb / 39P
   Super Capacitors
FC0H224ZFTBR24 NEC-FC0H224ZFTBR24 Datasheet
122Kb / 4P
   6. Rated Specifi cations 6.1 FC Series
logo
Kemet Corporation
FC0H224ZFTBR24 KEMET-FC0H224ZFTBR24 Datasheet
57Kb / 1P
   Supercapacitors, SMD Can, Commercial Grade, FC, 0.22 F, -20/80%, 5.5 V, V-Chip
More results

Similar Description - FC0H224ZFTBR24

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com