Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC0H104ZFTBR24 Datasheet(PDF) 6 Page - Kemet Corporation

Part # FC0H104ZFTBR24
Description  Supercapacitors FC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0H104ZFTBR24 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button FC0H104ZFTBR24 Datasheet HTML 2Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 3Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 4Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 5Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 6Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 7Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 8Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 9Page - Kemet Corporation FC0H104ZFTBR24 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6011_FC • 3/29/2017
Supercapacitors – FC Series
Specifications
* Must fulfill the above condition after reflow soldering.
Item
FC 5.5 V Type, 3.5 V Type
Test Conditions
(conforming to JIS C 5160-1)
Category Temperature Range
−25°Cto+70°C
Maximum Operating Voltage
5.5 VDC, 3.5 VDC
Capacitance
Refer to Table 1
Refer to “Measurement Conditions”
Capacitance Allowance
+80%,−20%
Refer to “Measurement Conditions”
ESR
Refer to Table 1
Measured at 1 kHz, 10 mA; See also
“Measurement Conditions”
Current (30 minutes value)
Refer to Table 1
Refer to “Measurement Conditions”
* Surge
Capacitance
>90%ofinitialratings
Surge voltage:
Charge:
Discharge:
Number of cycles:
Series resistance:
Discharge
resistance:
Temperature:
4.0 V (3.5 V type,3.6
V type)
6.3 V (5.5 V type)
30 seconds
9 minutes 30 seconds
1,000
0.043F,0.047F300Ω
0.068F
240Ω
0.10F
150Ω
0.22F
56Ω
0.47F
30Ω
1.0F
15Ω
70±2°C
ESR
≤120%ofinitialratings
Current (30 minutes value)
≤120%ofinitialratings
Appearance
No obvious abnormality
* Characteristics in
Different Temperature
Capacitance
Phase 2
≥50%ofinitialvalue
Conforms to 4.17
Phase 1:
Phase 2:
Phase 4:
Phase 5:
Phase 6:
+25±2°C
−25±2°C
+25±2°C
+70±2°C
+25±2°C
ESR
≤400%ofinitialvalue
Capacitance
Phase 3
ESR
Capacitance
Phase 5
≤200%ofinitialvalue
ESR
Satisfy initial ratings
Current (30 minutes value)
1.5 CV (mA) or below
Capacitance
Phase 6
Within±20%ofinitialvalue
ESR
Satisfy initial ratings
Current (30 minutes value)
Satisfy initial ratings
* Vibration Resistance
Capacitance
Satisfy initial ratings
Conforms to 4.13
Frequency:
Testing Time:
10 to 55 Hz
6 hours
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
* Solder Heat Resistance
Capacitance
Satisfy initial ratings
Cooled down to ambient temperature after
reflowsoldering,thentheproductmust
fulfilltheconditionstatedleft.
(See Precautions for Use)
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
* Temperature Cycle
Capacitance
Satisfy initial ratings
Conforms to 4.12
Temperature
Condition:
Number of cycles:
−25°C» Room
temperature »
+70°C » Room
temperature
5 cycles
ESR
Current (30 minutes value)
Appearance
No obvious abnormality


Similar Part No. - FC0H104ZFTBR24

ManufacturerPart #DatasheetDescription
logo
NEC
FC0H104ZFTBR24 NEC-FC0H104ZFTBR24 Datasheet
476Kb / 39P
   Super Capacitors
FC0H104ZFTBR24 NEC-FC0H104ZFTBR24 Datasheet
122Kb / 4P
   6. Rated Specifi cations 6.1 FC Series
logo
Kemet Corporation
FC0H104ZFTBR24 KEMET-FC0H104ZFTBR24 Datasheet
57Kb / 1P
   Supercapacitors, SMD Can, Commercial Grade, FC, 0.1 F, -20/80%, 5.5 V, V-Chip
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
More results

Similar Description - FC0H104ZFTBR24

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com