Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC0V104ZFTBR32-SS Datasheet(PDF) 7 Page - Kemet Corporation

Part # FC0V104ZFTBR32-SS
Description  Supercapacitors FC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0V104ZFTBR32-SS Datasheet(HTML) 7 Page - Kemet Corporation

Back Button FC0V104ZFTBR32-SS Datasheet HTML 3Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 4Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 5Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 6Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 7Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 8Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 9Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 10Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6011_FC • 3/29/2017
Supercapacitors – FC Series
Specifications cont’d
* Must fulfill the above condition after reflow soldering.
Marking
473
5.5V
A1
Nominal
Capacitance
Maximum
Operating Voltage
Date Code
Polarity
(negative)
FC 5.5V
474
A1-001
Nominal
Capacitance
Maximum
Operating Voltage
Serial Number
Polarity
(negative)
Series Name Logo
N T
Date Code
473
5.5V
A1 S
Nominal
Capacitance
Maximum
Operating Voltage
Date Code
FCS Type
Polarity
(negative)
D = 10.5 mm
D = 16 & 21 mm
D = 10.7 mm
Displays nominal capacitance, maximum operating voltage serial number, polarity, etc.
Item
FC 5.5 V Type, 3.5 V Type
Test Conditions
(conforming to JIS C 5160-1)
* High Temperature and
High Humidity Resistance
Capacitance
Within±20%ofinitialvalue
Conforms to 4.14
Temperature:
Relative humidity:
Testing time:
+40±2°C
90to95%RH
240±8 hours
ESR
≤120%ofinitialratings
Current (30 minutes value)
≤120%ofinitialratings
Appearance
No obvious abnormality
* High Temperature Load
Capacitance
Within±30%ofinitialvalue
Conforms to 4.15
Voltage applied:
Series protection
resistance:
Testing time:
Maximum operating
voltage
1,000+48(+48/−0)
hours
ESR
<200%ofinitialratings
Current (30 minutes value)
<200%ofinitialratings
Appearance
No obvious abnormality
* Self Discharge Characteristics
(Voltage Holding Characteristics)
5.5 V type:
Voltage between terminal leads
> 4.2 V
Charging condition
Voltage applied:
Series resistance:
Charging time:
5.0 VDC (Terminal at
the case side must be
negative)
24 hours
3.5 V type:
Notspecified
Storage
Let stand for 24 hours in condition
described below with terminals opened.
Ambient
temperature:
Relative humidity:
<25°C
<70%RH


Similar Part No. - FC0V104ZFTBR32-SS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FC0V104ZFTBR32-SS KEMET-FC0V104ZFTBR32-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
More results

Similar Description - FC0V104ZFTBR32-SS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com