Part Name
         Description
IRM-8602S

 INFRARED REMOTE CONTROL RECEIVER MODULE ( 9 Page)


ETC
100% 
Zoom Out Zoom In
   
 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.3
Page: 5 of 9
Device No:DMO-860-015
Prepared date:07-22-2004
Prepared by:CarryllHsu
Standard Transmitter
Oscilloscope
Vout
10uF
+5.0± 0.1V
10k
20cm
θ
θ
D.U.T
L: Transmission Distance
Standard Transmitter
GND
Vcc
OUT
Vout
θ: Angle Of Horizontal & Vertical Direction
IRM-8602S
Fig.-2
Measuring Method
Fig.-3
Measuring System
Block Diagram:
Application Circuit:
RC Filter should be connected closely between Vcc pin and GND pin.



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PL-IRM0101-3INFRARED REMOTE CONTROL RECEIVER MODULE 1 2 3 4 5 MoreHB Electronic Components
SC9150AINFRARED REMOTE CONTROL RECEIVER 1 2 3 4 5 MoreSilan Microelectronics Joint-stock
BL9150General infrared Ray Remote Control Receiver 1 2 List of Unclassifed Manufacturers
NJL61V360AINFRARED REMOTE CONTROL RECEIVER 1 2 3 4 5 MoreNew Japan Radio
TC9149PFor Infrared Ray Remote Control Receiver 1 2 3 4 5 MoreToshiba Semiconductor
RS-140Micro-size Surface Mountable Infrared Remote Control Receiver Unit 1 2 List of Unclassifed Manufacturers
PT2249AInfrared Remote Control Receiver 1 2 3 4 5 MorePrinceton Technology Corp
LTM-9034INFRARED REMOTE CONTROL RECEIVER MODULES 1 2 3 Lite-On Technology Corporation
TDA8160INFRARED REMOTE CONTROL RECEIVER 1 2 3 4 STMicroelectronics
NJL24H400AINFRARED REMOTE CONTROL RECEIVER 1 2 3 4 5 MoreNew Japan Radio

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl