Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IRL3202 Datasheet(PDF) 4 Page - International Rectifier

Part No. IRL3202
Description  HEXFET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

   
 4 page
background image
IRL3202
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
0
500
1000
1500
2000
2500
3000
3500
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
1
10
100
1000
0.2
0.8
1.4
2.0
2.6
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
0
10
20
30
40
50
60
70
0
3
6
9
12
15
Q , Total Gate Charge (nC)
G
I =
D
29A
V
= 16V
DS
1
10
100
1000
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF7341HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR2905HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7494HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3303HEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL2703SHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFIZ24GHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3402HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR3802HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFI5210HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl