Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17LE-2390-27(D2BC)-FA Datasheet(PDF) 5 Page - DDK Ltd.

Part # 17LE-2390-27(D2BC)-FA
Description  D-Sub Right Angle DIP Termination
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17LE-2390-27(D2BC)-FA Datasheet(HTML) 5 Page - DDK Ltd.

  17LE-2390-27(D2BC)-FA Datasheet HTML 1Page - DDK Ltd. 17LE-2390-27(D2BC)-FA Datasheet HTML 2Page - DDK Ltd. 17LE-2390-27(D2BC)-FA Datasheet HTML 3Page - DDK Ltd. 17LE-2390-27(D2BC)-FA Datasheet HTML 4Page - DDK Ltd. 17LE-2390-27(D2BC)-FA Datasheet HTML 5Page - DDK Ltd. 17LE-2390-27(D2BC)-FA Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Unit:mm
17LE Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
5
○ Mounting on Panel and PCB
M3×0.5 Thread
K min.
4-R1.0
L min.
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
+0.3
0
H ±0.3
4-R2.5
J
Connector
Jack Socket
Hex Nut
Connector
Stud
Panel
Pan-head
Screw
Connector
Jack Socket
Hex Nut
M3×0.5 Thread
M3×0.5 Thread
K min.
4-R1.0
L min.
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
+0.3
0
H ±0.3
4-R2.5
J
Connector
Jack Socket
Hex Nut
Connector
Stud
Panel
Pan-head
Screw
Connector
Jack Socket
Hex Nut
M3×0.5 Thread
M3×0.5 Thread
K min.
4-R1.0
L min.
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
+0.3
0
H ±0.3
4-R2.5
J
Connector
Jack Socket
Hex Nut
Connector
Stud
Panel
Pan-head
Screw
Connector
Jack Socket
Hex Nut
M3×0.5 Thread
Type 1
Type 2
Type 3
M3×0.5 Thread
K min.
4-R1.0
L min.
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
+0.3
0
H ±0.3
4-R2.5
J
Connector
Jack Socket
Hex Nut
Connector
Stud
Panel
Pan-head
Screw
Connector
Jack Socket
Hex Nut
M3×0.5 Thread
M3×0.5 Thread
K min.
4-R1.0
L min.
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
+0.3
0
H ±0.3
4-R2.5
J
Connector
Jack Socket
Hex Nut
Connector
Stud
Panel
Pan-head
Screw
Connector
Jack Socket
Hex Nut
M3×0.5 Thread
Number of
Contact
B
H
J
K
L
9
24.99
18.50
31.0
34.09
20.50
15
33.32
26.80
39.3
42.42
28.80
25
47.04
40.70
53.2
56.14
42.50
37
63.50
57.00
69.5
72.60
59.10
M3×0.5 Thread
K min.
4-R1.0
L min.
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
+0.3
0
H ±0.3
4-R2.5
J
Connector
Jack Socket
Hex Nut
Connector
Stud
Panel
Pan-head
Screw
Connector
Jack Socket
Hex Nut
M3×0.5 Thread
Stud (17L-002 □ )
Jack Socket
(17L-003 □ 1)
Jack Socket
(17L-003 □ 3)
Panel MountingDimensions
(□ : Thread Size)
M3×0.5 Thread
K min.
4-R1.0
L min.
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
+0.3
0
H ±0.3
4-R2.5
J
Connector
Jack Socket
Hex Nut
Connector
Stud
Panel
Pan-head
Screw
Connector
Jack Socket
Hex Nut
M3×0.5 Thread
M3×0.5 Thread
K min.
4-R1.0
L min.
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
+0.3
0
H ±0.3
4-R2.5
J
Connector
Jack Socket
Hex Nut
Connector
Stud
Panel
Pan-head
Screw
Connector
Jack Socket
Hex Nut
M3×0.5 Thread
□ : Thread SIze
A : M2.6×0.45
B : M3×0.5
C : #4-40UNC
M3×0.5 Thread
K min.
4-R1.0
L min.
4-R3.4
10°
B±0.1
2-φ3.2±0.1
B±0.1
+0.3
0
H ±0.3
4-R2.5
J
Connector
Jack Socket
Hex Nut
Connector
Stud
Panel
Pan-head
Screw
Connector
Jack Socket
Hex Nut
M3×0.5 Thread
Ground Tab
(Board Lock)
Ground Tab
Ground Tab
Screw
(not attached)
Ground Tab
(Board Lock)
Ground Tab
Ground Tab
Screw
(not attached)
Ground Tab
(Board Lock)
Ground Tab
Ground Tab
Screw
(not attached)
Number of
Contact
B
D
E
F
G
9
24.99
10.98
1.37
2.74
8.22
15
33.32
19.20
1.37
2.74
16.44
25
47.04
33.12
1.38
2.76
30.36
37
63.50
49.68
1.38
2.76
46.92
PCB Mounting Dimensions 
(Applicable PCB Thickness:t=1.6±0.19
Panel Mounting Dimensions(Rear Mounting)
E
+0.3
0
(6.25)
(6.25)
4-R2.5
 R
H±0.3
B±0.1
(View from mounting pattern side)
G±0.1
F±0.1
F±0.1
B±0.1
D±0.1
2-φ3.2±0.1 Through Hole
n-φ1.0±0.1 Through Hole
※ Connector can not be fastened
on the panel.
※ Connector can not be fastened
on the panel.
※ Connector can be fastened
on the panel.
 (Panel Thickness:0.8 〜 1.3)


Similar Part No. - 17LE-2390-27(D2BC)-FA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
17LE-23090-27 MITSUBISHI-17LE-23090-27 Datasheet
7Mb / 252P
   GRAPHIC OPERATION TERMINAL GOT SIMPLESeries
More results

Similar Description - 17LE-2390-27(D2BC)-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17LE DDK-17LE Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
logo
SUYIN USA, INC.
070913FR SUYIN-USA-070913FR Datasheet
153Kb / 1P
   SLIM TYPE D-SUB RIGHT ANGLE DIP TYPE
070921MR SUYIN-USA-070921MR Datasheet
158Kb / 1P
   ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
070912FR SUYIN-USA-070912FR Datasheet
158Kb / 1P
   SLIM TYPE D-SUB HIGH DENSITY RIGHT ANGLE DIP TYPE
070911MR SUYIN-USA-070911MR Datasheet
150Kb / 1P
   SLIM TYPE ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
logo
Adam Technologies, Inc.
125SH-A-XX-TR ADAM-TECH-125SH-A-XX-TR Datasheet
108Kb / 1P
   WAFER DIP RIGHT ANGLE
DE09-SL-27-R ADAM-TECH-DE09-SL-27-R Datasheet
108Kb / 1P
   RIGHT ANGLE FEMALE D-SUB
DXXX-PL-24-EMI ADAM-TECH-DXXX-PL-24-EMI Datasheet
110Kb / 1P
   D-SUB RIGHT ANGLE MALE
DXXX-SL-23 ADAM-TECH-DXXX-SL-23 Datasheet
104Kb / 1P
   D-SUB RIGHT ANGLE PCB
DXXX-SL-24-F ADAM-TECH-DXXX-SL-24-F Datasheet
107Kb / 1P
   D-SUB RIGHT ANGLE PCB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com