Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHF57130 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHF57130
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHF57130 Datasheet(HTML) 8 Page - International Rectifier

  IRHF57130 Datasheet HTML 1Page - International Rectifier IRHF57130 Datasheet HTML 2Page - International Rectifier IRHF57130 Datasheet HTML 3Page - International Rectifier IRHF57130 Datasheet HTML 4Page - International Rectifier IRHF57130 Datasheet HTML 5Page - International Rectifier IRHF57130 Datasheet HTML 6Page - International Rectifier IRHF57130 Datasheet HTML 7Page - International Rectifier IRHF57130 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHF57130
Pre-Irradiation
8
www.irf.com
 Pulse width
≤ 300 µs; Duty Cycle ≤ 2%
 Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
‘ Total Dose Irradiation with VDS Bias.
80 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
ΠRepetitive Rating; Pulse width limited by
maximum junction temperature.
 VDD = 50V, starting TJ = 25°C, L= 2.53 mH
Peak IL = 11.7A, VGS = 12V
Ž ISD ≤ 11.7A, di/dt ≤ 216A/µs,
VDD ≤ 100V, TJ ≤ 150°C
Case Outline and Dimensions — TO-205AF (Modified TO-39)
Footnotes:
LEGEND
1- SOURCE
2- GATE
3- DRAIN
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTER: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 3/00


Similar Part No. - IRHF57130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF57130 IRF-IRHF57130 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRHF57130 IRF-IRHF57130_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHF57130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF57230SE IRF-IRHF57230SE Datasheet
137Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-39)
IRHF57234SE IRF-IRHF57234SE Datasheet
186Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF7430SE IRF-IRHF7430SE Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57214SE IRF-IRHF57214SE Datasheet
213Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597130 IRF-IRHF597130 Datasheet
203Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57Z30 IRF-IRHF57Z30 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57133SE IRF-IRHF57133SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597230 IRF-IRHF597230 Datasheet
124Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57034 IRF-IRHF57034 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF67230 IRF-IRHF67230 Datasheet
209Kb / 9P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com