Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRH8250 Datasheet(PDF) 11 Page - International Rectifier

Part # IRH8250
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH8250 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRH8250 Datasheet HTML 4Page - International Rectifier IRH8250 Datasheet HTML 5Page - International Rectifier IRH8250 Datasheet HTML 6Page - International Rectifier IRH8250 Datasheet HTML 7Page - International Rectifier IRH8250 Datasheet HTML 8Page - International Rectifier IRH8250 Datasheet HTML 9Page - International Rectifier IRH8250 Datasheet HTML 10Page - International Rectifier IRH8250 Datasheet HTML 11Page - International Rectifier IRH8250 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRH7250, IRH8250 Devices
www.irf.com
11
Pre-Irradiation
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
12 V
Fig 30b. Gate Charge Test Circuit
Fig30a. Basic Gate Charge Waveform
Fig 29c. Maximum Avalanche Energy
Vs. Drain Current
Fig 29b. Unclamped Inductive Waveforms
Fig 29a. Unclamped Inductive Test Circuit
tp
V (B R)DS S
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DR IV E R
A
15 V
20V
12V


Similar Part No. - IRH8250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH8230 IRF-IRH8230 Datasheet
447Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HORE (TO-204AA/AE)
More results

Similar Description - IRH8250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF7310SE IRF-IRHF7310SE Datasheet
39Kb / 4P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7130 IRF-IRHF7130 Datasheet
291Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM7160 IRF-IRHM7160 Datasheet
137Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFE9130 IRF-IRFE9130 Datasheet
203Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7230 IRF-IRHF7230 Datasheet
302Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM7230 IRF-IRHM7230 Datasheet
301Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHE7110 IRF-IRHE7110 Datasheet
320Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFV360 IRF-IRFV360 Datasheet
207Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED HEXFET TRANSISTOR
IRFE420 IRF-IRFE420 Datasheet
136Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com