Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM16216L-S-L30S Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM16216L-S-L30S
Description  16 Character x 2 Lines, Very Small Size, LED Backlight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM16216L-S-L30S Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM16216L-S-L30S Datasheet HTML 1Page - Hantronix,Inc HDM16216L-S-L30S Datasheet HTML 2Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 77
Features
Character Format ........................................5x7 Dots with Cursor
Backlight................................................................................LED
Options..............................................Yellow STN, 6 o’Clock View
Normal/Extended Temperature
Normal/Negative Displays
Physical Data
Module Size.........................................53.0W x 20.0H x 8.5T mm
Viewing Area Size..........................................36.0W x 10.0H mm
Weight....................................................................................10g
Block Diagram
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
1VSS
-0V
Power supply
2VDD
-5V
3VL
--
4RS
H/L
H: Data input
L: Instruction data input
5R/W
H/L
H: Data read
L: Data write
6E
H,H→L
Enable signal
7D0
H/L
Data bus
8D1
H/L
9D2
H/L
10
D3
H/L
11
D4
H/L
12
D5
H/L
13
D6
H/L
14
D7
H/L
15
A
Anode for LED back light
16
K
Cathode for LED back light
Dimensional Drawing
Dimension tolerance: +/-0.3mm
16 Character x 2 Lines, Very Small Size, LED Backlight
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
INPUT HIGH VOLTAGE
VIH
-2.2
VDD
V
INPUT LOW VOLTAGE
VIL
-VSS
-0.6
V
OUTPUT HIGH VOLTAGE
VOH
IOH=0.2mA
2.4
-
VDD
V
OUTPUT LOW VOLTAGE
VOL
IOL=1.2mA
VSS
-0.4
V
POWER SUPPLY CURRENT
IDD
VDD=5.0V, VL=4.4V -1.0
2.0
mA
POWER SUPPLY FOR LCD
VDD-VL TA=25°C
4.4
V
LED FORWARD VOLTAGE
VF
IF=20mA
4.2
V
BRIGHTNESS
L
VF=4.2V, IF=20mA
710
-
NIT
DRIVE METHOD
1/16 Duty
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
07.0
V
SUPPLY VOLTAGE FOR LCD
VDD-VL
0
13.5
V
INPUT VOLTAGE
VIN
0VDD+0.3 V
OPERATING TEMPERATURE
TOP
050
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
LED FORWARD CURRENT
IF
-
40
mA
LED REVERSE VOLTAGE
VR
-
8V
LED POWER CONSUMPTION
PD
-
220
mW
HDM16216L-S
D0 - D7
E
R/W
RS
VL
VDD
VSS
K
A
LCD
CONTROLLER
HD44780
or
EQUIVALENT
LCD PANEL
LED BACKLIGHT
COM
SEG
16
40
DRIVER X2
4
40
RESISTOR SUPPLIED BY USER


Similar Part No. - HDM16216L-S-L30S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM16216L-S HANTRONIX-HDM16216L-S Datasheet
41Kb / 1P
   16 Character x 2 Lines, Very Small Size, LED Backlight
HDM16216L-S HANTRONIX-HDM16216L-S_15 Datasheet
50Kb / 1P
   16 Character x 2 Lines Very Small Size, LED Backlight
More results

Similar Description - HDM16216L-S-L30S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM16216L-S HANTRONIX-HDM16216L-S Datasheet
41Kb / 1P
   16 Character x 2 Lines, Very Small Size, LED Backlight
HDM16216L-S HANTRONIX-HDM16216L-S_15 Datasheet
50Kb / 1P
   16 Character x 2 Lines Very Small Size, LED Backlight
HDM16216H-S HANTRONIX-HDM16216H-S_15 Datasheet
47Kb / 1P
   16 Character x 2 Lines, Very Small Size
HDM16216H-S HANTRONIX-HDM16216H-S Datasheet
38Kb / 1P
   16 Character x 2 Lines, Very Small Size
HDM16216L-T HANTRONIX-HDM16216L-T Datasheet
37Kb / 1P
   16 Character x 2 Lines, Very Thin, LED Backlight
HDM16216L-7 HANTRONIX-HDM16216L-7 Datasheet
39Kb / 1P
   16 Character x 2 Lines, Large Character, LED Backlight
HDM16216L-7 HANTRONIX-HDM16216L-7_15 Datasheet
34Kb / 1P
   16 Character x 2 Lines, Large Character, LED Backlight
HDM16216H-I HANTRONIX-HDM16216H-I Datasheet
28Kb / 1P
   16 Character x 2 Lines, Small Size
HDM16216L-7-Z10S HANTRONIX-HDM16216L-7-Z10S Datasheet
39Kb / 2P
   16 Character x 2 Lines, Large Character, LED Backlight
HDM16216L-7-L30S HANTRONIX-HDM16216L-7-L30S Datasheet
39Kb / 2P
   16 Character x 2 Lines, Large Character, LED Backlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com