Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM16216L-5-L30S Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM16216L-5-L30S
Description  16 Character x 2 Lines LED Backlight, Connector on Top
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM16216L-5-L30S Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM16216L-5-L30S Datasheet HTML 1Page - Hantronix,Inc HDM16216L-5-L30S Datasheet HTML 2Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 73
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
1VSS
-0V
Power supply
2VDD
-5V
3VL
--
4RS
H/L
H: Data input
L: Instruction data input
5
R/W
H/L
H: Data read
L: Data write
6E
H,H→L
Enable signal
7D0
H/L
Data bus
8D1
H/L
9D2
H/L
10
D3
H/L
11
D4
H/L
12
D5
H/L
13
D6
H/L
14
D7
H/L
15
A
-
Anode for LED backlight
16
K
-
Cathode for LED backlight
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
POWER SUPPLY CURRENT
IDD
VDD=5.0V
-
1.0
2.2
mA
POWER SUPPLY FOR LCD
VDD-VL TA=25°C
4.3
-
4.7
V
LED FORWARD Vtg (White)
(Yellow) VF
IF=20mA
3.0
3.3
3.6
V
IF=75mA
3.9
4.1
4.5
BRIGHTNESS (White)
(Yellow)
L
IF=20mA
6075-
cd/m2
IF=75mA
3050-
DRIVE METHOD
1/16 Duty
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
07.0
V
SUPPLY VOLTAGE FOR LCD
VDD-VL
0
13.5
V
OPERATING TEMPERATURE
TOP
050
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
LED FORWARD CURRENT (White)
(Yellow)
IF
-
25
mA
-
120
LED REVERSE VOLTAGE (White)
(Yellow)
VR
-
5V
-
8
LED POWER CONSUMPTION (White)
(Yellow)
PD
-
80
mW
-
540
Physical Data
Module Size ......................................80.0W x 36.0H x 14.5T mm
Thin version.......................80.0W x 36.0H x 13.0T mm
Viewing Area Size..........................................64.5W x 13.5H mm
Weight...................................................................................35g
Features
Character Format ...................................... 5x7 Dots with Cursor
Backlight..................................................... White or Yellow LED
Options....................................TN/Gray STN/Yellow STN, FSTN
12 o’Clock/6 o’Clock View
Normal/Extended Temperature
Normal/Negative Displays
Block Diagram
D0 - D7
E
R/W
RS
VL
VDD
VSS
K
A
LCD
CONTROLLER
HD44780
or
EQUIVALENT
LCD PANEL
LED BACKLIGHT
COM 1 - 16
SEG 40
4
DRIVER
40
RESISTOR SUPPLIED BY USER
Dimensional Drawing
16
1
9.0
16-
φ1.0
4-
φ2.5
HOLE
2.5
2.95
0.7
0.05
0.55
.50
0.05
4.35
0.7
75.0
64.5
80.0±0.5
73.0
2.54x15=38.1
8.0
16 Character x 2 Lines LED Backlight, Connector on Top
Dimension tolerance: +/-0.3mm
HDM16216L-5
7.0 (T)
(T) = Thin version
A
K
A
K
White LED
Yellow LED


Similar Part No. - HDM16216L-5-L30S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM16216L-5-L30S HANTRONIX-HDM16216L-5-L30S Datasheet
38Kb / 2P
   16 Character x 2 Lines LED Backlight, Connector on Top
HDM16216L-5-L30S HANTRONIX-HDM16216L-5-L30S Datasheet
38Kb / 2P
   16 Character x 2 Lines LED Backlight, Connector on Top
More results

Similar Description - HDM16216L-5-L30S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM16216L-6 HANTRONIX-HDM16216L-6 Datasheet
33Kb / 1P
   16 Character x 2 Lines LED Backlight, Connector on Top
HDM16216L-5-Y10S HANTRONIX-HDM16216L-5-Y10S Datasheet
38Kb / 2P
   16 Character x 2 Lines LED Backlight, Connector on Top
HDM16216L-5 HANTRONIX-HDM16216L-5 Datasheet
28Kb / 1P
   16 Character x 2 Lines LED Backlight, Connector on Top
HDM16216L-5-L30S HANTRONIX-HDM16216L-5-L30S Datasheet
38Kb / 2P
   16 Character x 2 Lines LED Backlight, Connector on Top
HDM16216L-5 HANTRONIX-HDM16216L-5_15 Datasheet
33Kb / 1P
   16 Character x 2 Lines LED Backlight Connector on Top
HDM16216L-B-Y10S HANTRONIX-HDM16216L-B-Y10S Datasheet
40Kb / 2P
   16 Character x 2 Lines, LED Backlight, Connector on Bottom
HDM16216L-B HANTRONIX-HDM16216L-B_15 Datasheet
34Kb / 1P
   16 Character x 2 Lines LED Backlight Connector on Bottom
HDM16216L-B HANTRONIX-HDM16216L-B Datasheet
26Kb / 1P
   16 Character x 2 Lines, LED Backlight, Connector on Bottom
HDM16216L-B-L30S HANTRONIX-HDM16216L-B-L30S Datasheet
40Kb / 2P
   16 Character x 2 Lines, LED Backlight, Connector on Bottom
HDM16216L-B-E30S HANTRONIX-HDM16216L-B-E30S Datasheet
40Kb / 2P
   16 Character x 2 Lines, LED Backlight, Connector on Bottom
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com