Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM3224-5-N30S Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM3224-5-N30S
Description  320 X 240 Dots Graphics LED Backlight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM3224-5-N30S Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM3224-5-N30S Datasheet HTML 1Page - Hantronix,Inc HDM3224-5-N30S Datasheet HTML 2Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 28
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
INPUT HIGH VOLTAGE
VIH
-
0.7
VDD
-
-
V
INPUT LOW VOLTAGE
VIL
-
-
-
0.3
VDD
V
OUTPUT HIGH VOLTAGE
VOH
IOH=0.4mA
VDD
-0.4
-
-
V
OUTPUT LOW VOLTAGE
VOL
IOL=0.4mA
-
-
0.4
V
SUPPLY VOLTAGE
VDD
-
4.5
5.0
5.5
V
-VEE
-
-
22.7 -
V
POWER SUPPLY CURRENT
IDD
VDD=5.0V
-
9.0
18.0 mA
-IEE
VEE=-22.7V
-
10.0 20.0 mA
POWER SUPPLY FOR LCD VDD-VL TA=25°C
-
22.7 -
V
LED POWER SUPPLY
VLED
21.0 24.0 27.0 V
BRIGHTNESS
L
-
-
-
NIT
LED CURRENT
ILED
VLED = 24V
-
40
50
mA
WHITE LED POWER
SUPPLY
VLED
-
9.8
-
V
WHITE LED CURRENT
ILED
VLED = 9.8V
-
35.0 -
mA
BRIGHTNESS (WHITE LED)
L
-
9.4
-
NIT
FRAME FREQUENCY
fFP
-
65
72
80
Hz
DRIVE METHOD
1/240 DUTY
Physical Data
Module Size..............................134.5W x 117.0H x 14.0T mm
Viewing Area Size....................................103.0W x 79.0H mm
Dot Pitch....................................................0.30W x 0.30H mm
Dot Size.....................................................0.27W x 0.27H mm
Weight..............................................................................190g
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
0
7.0
V
SUPPLY VOLTAGE FOR LCD
VDD-VL
0
26.0
V
INPUT VOLTAGE
VIN
-
7.0
V
OPERATING TEMPERATURE
TOP
0
50
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
Pin Connections
PIN NO.
SYMBOL
FUNCTION
1
VL
-
Operating voltage for LC
2
VEE
-
Power supply voltage for LC
3
DB3
H/L
Data bus
4
DB2
H/L
5
DB1
H/L
6
DB0
H/L
7
VSS
-
Ground
8
VDD
+5v
Logic Power Supply
9
CL2
H/H
→L
Data Shift
10
CL1
H/H
→L
Data latch signal
11
FLM
H/L
Frame Pulse
12
K
-
Cathode, LED Back light
13
A
-
Anode, LED Back light
14
NC
-
No Connection
Dimension tolerance: +/-0.3mm
Dimensional Drawing
320 X 240 Dots Graphics LED Backlight
0.03
0.27
Features
Backlight...........................................................................LED
Options..................................Gray STN / Yellow STN / FSTN
Normal/Extended Temperature
Bottom / Top Viewing
Built-in Controller.............................................................None
Features
VDD
VL
VSS
L
C
M
+
+
VLCD
RH
RL
5V
25V
RH+RL = 10 ~ 20KΩ
VEE
Power Supply
HDM3224-5
96.0
103.0
124.5
123.0
134.5
78.0
5.7
26.0
14-Ø1.1 2.0P
1
14
4-Ø3.5
14.0 MAX
7.5
1.6
5.0


Similar Part No. - HDM3224-5-N30S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM3224-5-N30S HANTRONIX-HDM3224-5-N30S Datasheet
28Kb / 2P
   320 X 240 Dots Graphics LED Backlight
More results

Similar Description - HDM3224-5-N30S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM3224-5-Y10S HANTRONIX-HDM3224-5-Y10S Datasheet
28Kb / 2P
   320 X 240 Dots Graphics LED Backlight
HDM3224-5 HANTRONIX-HDM3224-5 Datasheet
26Kb / 1P
   320 X 240 Dots Graphics LED Backlight
HDG320240 HANTRONIX-HDG320240_15 Datasheet
35Kb / 1P
   320 X 240 Dots Graphics
HDM3224-7 HANTRONIX-HDM3224-7 Datasheet
31Kb / 1P
   320 X 240 Dots Graphics Large Size CCFL Backlight
HDM4832L HANTRONIX-HDM4832L_15 Datasheet
40Kb / 1P
   480 X 320 Dots Graphics White LED Backlight
HDM4832L HANTRONIX-HDM4832L Datasheet
27Kb / 1P
   480 X 320 Dots Graphics White LED Backlight
HDM3224-1 HANTRONIX-HDM3224-1 Datasheet
29Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-2 HANTRONIX-HDM3224-2_15 Datasheet
52Kb / 2P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224TSC-S-L HANTRONIX-HDM3224TSC-S-L Datasheet
34Kb / 1P
   320 X 240 Dots Color Graphics, Landscape, Small Size w/CCFL Backlight
HDM3224-6 HANTRONIX-HDM3224-6 Datasheet
27Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com