Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17LE-13150-27(D2CD)-FA Datasheet(PDF) 6 Page - DDK Ltd.

Part # 17LE-13150-27(D2CD)-FA
Description  D-Sub Right Angle DIP Termination
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17LE-13150-27(D2CD)-FA Datasheet(HTML) 6 Page - DDK Ltd.

  17LE-13150-27(D2CD)-FA Datasheet HTML 1Page - DDK Ltd. 17LE-13150-27(D2CD)-FA Datasheet HTML 2Page - DDK Ltd. 17LE-13150-27(D2CD)-FA Datasheet HTML 3Page - DDK Ltd. 17LE-13150-27(D2CD)-FA Datasheet HTML 4Page - DDK Ltd. 17LE-13150-27(D2CD)-FA Datasheet HTML 5Page - DDK Ltd. 17LE-13150-27(D2CD)-FA Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Unit:mm
17LE Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
6
○ 17LE Series Mounting Accessories Deviation
※ ASSEMBLED: The mounting accessories are assembled with connector.
 ATTACHED: The mounting accessories are attached separately.
  17LE-13 □□ 0-27-FA
  17LE-23 □□ 0-27-FA
None
None
17LE- □ 3 □□ 0-27-FA
Press in ground tab
17L-004E-FA
17LE-□3□□0-27(D41)-FA
Connector can not
be fastened on the
panel.
Stud
17L-002 □ and pan-
head screw(L=6) are
ASSEMBLED.
17LE-□3□□0-27(D2□)-FA
Ground tab
17L-004C-FA is
fastened by stud
17L-002 □ and pan-
head screw (L=7).
17LE-□3□□0-27(D2□C)-FA
Connector can not
be fastened on the
panel.
To prevent
loosening, screws
are locked by
adhesive.
Jack socket
17L-003 □ 1 and
hex nut(M3) are
ASSEMBLED.
17LE-□3□□0-27(D3□)-FA
Press in ground tab
17L-004B and jack
socket 17L-003 □ 1
is ASSEMBLED.
17LE-□3□□0-27(D3□B)-FA
Press in ground tab
17L-004D and jack
socket 17L-003 □ 1
is ASSEMBLED.
17LE-□3□□0-27(D3□D)-FA
Press in ground tab
17L-004E-FA and
jack socket 17L-003
□ 1 is ASSEMBLED.
17LE-□3□□027(D3□H)-FA
Connector can be
fastened on the
panel.
Panel thickness:
1.3 max.
Jack socket
17L-003 □ 3 and
hex nut(M3) are
ASSEMBLED.
17LE-□3□□0-27(D4□)-FA
Press in ground tab
17L-004B and jack
socket 17L-003 □ 3
is ASSEMBLED.
17LE-□3□□0-27(D4□B)-FA
Press in ground tab
17L-004D and jack
socket 17L-003 □ 3
is ASSEMBLED.
17LE-□3□□0-27(D4□D)-FA
Press in ground tab
17L-004E-FA and
jack socket 17L-003
□ 3 is ASSEMBLED.
17LE-□3□□027(D4□K)-FA
17L-002 □
17L-003 □ 1
17L-003 □ 3
Stud
  Jack Socket
Part Number
□ : Thread Size (Stud) 
A:M2.6×0.45
B:M3×0.5
C:# 4-40UNC
t=1.6
M3×0.5
t=1.6
6.1
6.5
M3×0.5
φ3.2 Hole
φ3.6 Hole
t=0.6
M3×0.5
t=0.8
4.8
7.8
M3
M3
t=1.6
M3×0.5
t=1.6
6.1
6.5
M3×0.5
φ3.2 Hole
φ3.6 Hole
t=0.6
M3×0.5
t=0.8
4.8
7.8
M3
M3
Ground Tab
Part Number
Panel
Mounting
Operation
Type 1
Type 2
Type 3
17L-004B
17L-004D
17L-004C-FA
17L-004E-FA
t=1.6
M3×0.5
t=1.6
6.1
6.5
M3×0.5
φ3.2 Hole
φ3.6 Hole
t=0.6
M3×0.5
t=0.8
4.8
7.8
M3
M3
t=1.6
M3×0.5
t=1.6
6.1
6.5
M3×0.5
φ3.2 Hole
φ3.6 Hole
t=0.6
M3×0.5
t=0.8
4.8
7.8
M3
M3
t=1.6
M3×0.5
t=1.6
6.1
6.5
M3×0.5
φ3.2 Hole
φ3.6 Hole
t=0.6
M3×0.5
t=0.8
4.8
7.8
M3
M3
t=1.6
M3×0.5
t=1.6
6.1
6.5
M3×0.5
φ3.2 Hole
φ3.6 Hole
t=0.6
M3×0.5
t=0.8
4.8
7.8
M3
M3
t=1.6
M3×0.5
t=1.6
6.1
6.5
M3×0.5
φ3.2 Hole
φ3.6 Hole
t=0.6
M3×0.5
t=0.8
4.8
7.8
M3
M3
t=1.6
M3×0.5
t=1.6
6.1
6.5
M3×0.5
φ3.2 Hole
φ3.6 Hole
t=0.6
M3×0.5
t=0.8
4.8
7.8
M3
M3
t=1.6
M3×0.5
t=1.6
6.1
6.5
M3×0.5
φ3.2 Hole
φ3.6 Hole
t=0.6
M3×0.5
t=0.8
4.8
7.8
M3
M3
t=1.6
M3×0.5
t=1.6
6.1
6.5
M3×0.5
φ3.2 Hole
φ3.6 Hole
t=0.6
M3×0.5
t=0.8
4.8
7.8
M3
M3
Recommended
※ Above list shows combinations of ground tab, stud and jack socket.
The deviation is given in parentesis in each sections.
  Slanting line means "not available".  
Regarding the detail, please contact our sales.
t=1.6
M3×0.5
t=1.6
6.1
6.5
M3×0.5
φ3.2 Hole
φ3.6 Hole
t=0.6
M3×0.5
t=0.8
4.8
7.8
M3
M3
t=1.6
M3×0.5
t=1.6
6.1
6.5
M3×0.5
φ3.2 Hole
φ3.6 Hole
t=0.6
M3×0.5
t=0.8
4.8
7.8
M3
M3


Similar Part No. - 17LE-13150-27(D2CD)-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17LE-13150-27D2AB-FA DDK-17LE-13150-27D2AB-FA Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13150-27D2AC-FA DDK-17LE-13150-27D2AC-FA Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13150-27D2AD-FA DDK-17LE-13150-27D2AD-FA Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13150-27D2BB-FA DDK-17LE-13150-27D2BB-FA Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13150-27D2BC-FA DDK-17LE-13150-27D2BC-FA Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
More results

Similar Description - 17LE-13150-27(D2CD)-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17LE DDK-17LE Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
logo
SUYIN USA, INC.
070913FR SUYIN-USA-070913FR Datasheet
153Kb / 1P
   SLIM TYPE D-SUB RIGHT ANGLE DIP TYPE
070921MR SUYIN-USA-070921MR Datasheet
158Kb / 1P
   ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
070912FR SUYIN-USA-070912FR Datasheet
158Kb / 1P
   SLIM TYPE D-SUB HIGH DENSITY RIGHT ANGLE DIP TYPE
070911MR SUYIN-USA-070911MR Datasheet
150Kb / 1P
   SLIM TYPE ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
logo
Adam Technologies, Inc.
125SH-A-XX-TR ADAM-TECH-125SH-A-XX-TR Datasheet
108Kb / 1P
   WAFER DIP RIGHT ANGLE
DE09-SL-27-R ADAM-TECH-DE09-SL-27-R Datasheet
108Kb / 1P
   RIGHT ANGLE FEMALE D-SUB
DXXX-PL-24-EMI ADAM-TECH-DXXX-PL-24-EMI Datasheet
110Kb / 1P
   D-SUB RIGHT ANGLE MALE
DXXX-SL-23 ADAM-TECH-DXXX-SL-23 Datasheet
104Kb / 1P
   D-SUB RIGHT ANGLE PCB
DXXX-SL-24-F ADAM-TECH-DXXX-SL-24-F Datasheet
107Kb / 1P
   D-SUB RIGHT ANGLE PCB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com