Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM23-1.9-08AC Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # CM23-1.9-08AC
Description  Commercial Module for CATV & SLED Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

CM23-1.9-08AC Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  CM23-1.9-08AC Datasheet HTML 1Page - II-VI Marlow, Inc. CM23-1.9-08AC Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
DOC # 102-0353 REV G - PAGE 1 OF 2
CM23-1.9
Commercial Module for CATV & SLED Applications
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
ORDERING OPTIONS
PRODUCT FEATURES
RoHS 2002/95/EC Compliant.
CM23-1.9-06AC, -08AC and -09AC are not RoHS
Compliant.
All dimensions are millimeters.
Marlow reserves the right to make product changes without
notice.
Au flash exterior, suitable for soldering.
AlO ceramics
Minimum order quantity of 20 pieces.
Maximum process temperature is 220°C.
Hot Side Temperature (°C)
27°C
85°C
∆ Tmax (°C-dry N2):
71
92
Qmax (watts):
3.4
4.1
Imax (amps):
1.9
1.8
Vmax (vdc):
2.8
3.5
AC Resistance (ohms):
1.23
--
Model Number
Description
CM23-1.9-01AC
Metallized Exterior
CM23-1.9-04AC
146°C Pretinned Exterior
CM23-1.9-05AC
138°C Pretinned Exterior
CM23-1.9-06AC
138°C /183°C Pretinned Exterior
CM23-1.9-07AC
138°C Pretinned Exterior and 2 sides
encapsulated
CM23-1.9-08AC
118°C /183°C Pretinned Exterior
CM23-1.9-09AC
118°C /183°C Pretinned Exterior
with Teflon Sleeving.


Similar Part No. - CM23-1.9-08AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
CM23-1.9-08AC VIMARLOW-CM23-1.9-08AC Datasheet
678Kb / 2P
   Commercial Module for CATV & SLED Applications
More results

Similar Description - CM23-1.9-08AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
CM35-1.9 VIMARLOW-CM35-1.9_17 Datasheet
525Kb / 2P
   Commercial Module for CATV & SLED Applications
CM35-1.9 VIMARLOW-CM35-1.9 Datasheet
225Kb / 2P
   Commercial Module for CATV & SLED Applications
CM23-1.9 VIMARLOW-CM23-1.9_17 Datasheet
678Kb / 2P
   Commercial Module for CATV & SLED Applications
CM30-1.9 VIMARLOW-CM30-1.9_17 Datasheet
547Kb / 2P
   Commercial Module for CATV & SLED Applications
logo
Lanner All Rights Reser...
HMB-E200 LANNER-HMB-E200 Datasheet
506Kb / 1P
   2U Compute Sled for HTCA-E400
V1-2021,11,4
logo
Integrated Circuit Syst...
SF0044BA01954T ICST-SF0044BA01954T Datasheet
220Kb / 2P
   44.1 MHz Filter for CATV Applications
logo
Toshiba Semiconductor
2SC1164 TOSHIBA-2SC1164 Datasheet
60Kb / 2P
   HIGH POWER AMPLIFIER FOR CATV APPLICATIONS.
2SC2318 TOSHIBA-2SC2318 Datasheet
58Kb / 2P
   HIGH POWER AMPLIFIER FOR CATV APPLICATIONS.
logo
Lanner All Rights Reser...
HMB-E100 LANNER-HMB-E100 Datasheet
593Kb / 1P
   1U Compute Sled for HTCA-E400
V1-2021,11,4
logo
Hammond Manufacturing L...
HPS HAMMOND-HPS Datasheet
689Kb / 8P
   Encapsulated Transformers for Commercial Applications
August 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com