Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM29-1.9-01AC Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # CM29-1.9-01AC
Description  Single-Stage Thermoelectric Cooler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

CM29-1.9-01AC Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  CM29-1.9-01AC Datasheet HTML 1Page - II-VI Marlow, Inc. CM29-1.9-01AC Datasheet HTML 2Page - II-VI Marlow, Inc. CM29-1.9-01AC Datasheet HTML 3Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
Commercial Module for CATV & SLED Applications
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
DOC # 102-0356 REV G - PAGE 1 OF 3
CM29-1.9
Single-Stage Thermoelectric Cooler
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
10.20
HOT SIDE, Th
1.68
6.02
COLD SIDE, Tc
NEGATIVE (-)
POSITIVE (+)
50.8
0.10 A
A
LEADWIRES: 30 AWG BUSS
-01AC, -04AC, -05AC
ORDERING OPTIONS
PRODUCT FEATURES
All dimensions are millimeters.
All values are nominal values.
Marlow reserves the right to make product changes without
notice.
Au flash exterior, suitable for soldering.
AlO ceramics
Minimum order quantity of 20 pieces.
Maximum process temperature is 220°C.
Hot Side Temperature (°C)
27°C
85°C
Δ Tmax (°C-dry N2):
71
92
Qmax (watts):
4.3
5.2
Imax (amps):
1.9
1.8
Vmax (vdc):
3.5
4.4
AC Resistance (ohms):
1.54
--
Model Number
Description
CM29-1.9-01AC
Metallized Exterior, Buss Wires
CM29-1.9-04AC
146°C Pretinned Exterior, Buss Wires
CM29-1.9-05AC
138°C Pretinned Exterior, Buss Wires
CM29-1.9-06AC
Bare Exterior, Insulated Leadwires


Similar Part No. - CM29-1.9-01AC

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM29 CML-CM29 Datasheet
227Kb / 1P
   G-3 1/2 Miniature 2 Pin Base
logo
Visual Communications C...
CM29 VCC-CM29 Datasheet
32Kb / 1P
   Base
logo
Ceramate Technical
CM2915 CERAMATE-CM2915 Datasheet
364Kb / 19P
   LCD Driver (19x4) with Key Scan (4x8)
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Chicago Miniature Lamp,...
CM293 CML-CM293 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
More results

Similar Description - CM29-1.9-01AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
NL1020T VIMARLOW-NL1020T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2427 VIMARLOW-XLT2427 Datasheet
138Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1011T VIMARLOW-NL1011T Datasheet
136Kb / 2P
   Single-Stage Thermoelectric Cooler
TR060-6.5-40 VIMARLOW-TR060-6.5-40 Datasheet
285Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2416 VIMARLOW-XLT2416 Datasheet
179Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT3-4 VIMARLOW-XLT3-4 Datasheet
120Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2404 VIMARLOW-XLT2404 Datasheet
239Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1507 VIMARLOW-NL1507 Datasheet
296Kb / 2P
   Single-Stage Thermoelectric Cooler
RC12-9 VIMARLOW-RC12-9 Datasheet
155Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2393 VIMARLOW-XLT2393 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com