Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17LE-13150-27(D4BB)-FA Datasheet(PDF) 2 Page - DDK Ltd.

Part # 17LE-13150-27(D4BB)-FA
Description  D-Sub Right Angle DIP Termination
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17LE-13150-27(D4BB)-FA Datasheet(HTML) 2 Page - DDK Ltd.

  17LE-13150-27(D4BB)-FA Datasheet HTML 1Page - DDK Ltd. 17LE-13150-27(D4BB)-FA Datasheet HTML 2Page - DDK Ltd. 17LE-13150-27(D4BB)-FA Datasheet HTML 3Page - DDK Ltd. 17LE-13150-27(D4BB)-FA Datasheet HTML 4Page - DDK Ltd. 17LE-13150-27(D4BB)-FA Datasheet HTML 5Page - DDK Ltd. 17LE-13150-27(D4BB)-FA Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Unit:mm
17LE Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
2
17LE-13xx0-27(D3xx)-FA
Socket Connector
○ Right Angle Socket Connectors
17LE-13250-27(D3AB)-FA
Contact Tail Style
2: Right Angle DIP Termination
Key Position
0: No Key
Contact Plating
7: Contact Area: Au(0.4 μ m) over Ni Plating
 Tail Area: Sn-Ag over Ni Plating
FA: Lead Free
Mating Style
1: Socket Connector
Shell Plating
3: Ni Plating
Number of Contact
9, 15, 25, 37
Deviation
※ Regarding the combinations of grounding tab,
stud and jack socket, please refer to the list on page 6.
No Digit: Connector Only
(D3AB)
 Grounding Tab (Please refer to page 4.)
 No Digit: Less Grounding Tab
 B:with Ground Tab 17L-004B
 C:with Board Lock 17L-004C-FA
 D:with Ground Tab 17L-004D
H/K: with Board Lock 17L-004E-FA
※ Ground tab B and D can not be combined
with stud.
 Thread Size
 A:M2.6×0.45
 B:M3×0.5
 C:# 4-40UNC
 2: with Stud Type1 (17L-002 □ )
 3: with Jack Socket Type 2 (17L-003 □ 1)
 4: with Jack Socket Type 3 (17L-003 □ 3)
・□ : Thread Type A, B, C
Number of
Contact
A
B
C
D
E
F
G
H
J
9
30.80
24.99
16.30
10.98
1.37
2.74
8.22
18.50
31.00
15
39.10
33.32
24.64
19.20
1.37
2.74
16.44
26.80
39.30
25
53.04
47.04
38.35
33.12
1.38
2.76
30.36
40.70
53.20
37
69.32
63.50
54.80
49.68
1.38
2.76
46.92
57.00
69.50
A
B
DDK
n
1
C
0.7
No.n Contact
(E)
Section Y-Y  
0.8
2.84
Fixed with adhesive part
Contact No.
Thread Size
(Refer to part number code)
M3×0.5 Thread
(B)
D
Y
Y
X
X
M3×0.5 Thread
No.1 Contact
(n+1)/2 Contact
(n+3)/2 Contact
n+3
2
n+1
2
PCB Mounting Dimensions 
(Applicable PCB Thickness:t=1.6±0.19
Panel Mounting Dimensions(Rear Mounting)
E
+0.3
0
(6.25)
(6.25)
4-R2.5
 R
H±0.3
B±0.1
(View from mounting pattern side)
G±0.1
F±0.1
F±0.1
B±0.1
D±0.1
2-φ3.2±0.1 Through Hole
n-φ1.0±0.1 Through Hole


Similar Part No. - 17LE-13150-27(D4BB)-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17LE-13150-27D2AB-FA DDK-17LE-13150-27D2AB-FA Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13150-27D2AC-FA DDK-17LE-13150-27D2AC-FA Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13150-27D2AD-FA DDK-17LE-13150-27D2AD-FA Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13150-27D2BB-FA DDK-17LE-13150-27D2BB-FA Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13150-27D2BC-FA DDK-17LE-13150-27D2BC-FA Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
More results

Similar Description - 17LE-13150-27(D4BB)-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17LE DDK-17LE Datasheet
405Kb / 6P
   D-Sub Right Angle DIP Termination
logo
SUYIN USA, INC.
070913FR SUYIN-USA-070913FR Datasheet
153Kb / 1P
   SLIM TYPE D-SUB RIGHT ANGLE DIP TYPE
070921MR SUYIN-USA-070921MR Datasheet
158Kb / 1P
   ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
070912FR SUYIN-USA-070912FR Datasheet
158Kb / 1P
   SLIM TYPE D-SUB HIGH DENSITY RIGHT ANGLE DIP TYPE
070911MR SUYIN-USA-070911MR Datasheet
150Kb / 1P
   SLIM TYPE ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
logo
Adam Technologies, Inc.
125SH-A-XX-TR ADAM-TECH-125SH-A-XX-TR Datasheet
108Kb / 1P
   WAFER DIP RIGHT ANGLE
DE09-SL-27-R ADAM-TECH-DE09-SL-27-R Datasheet
108Kb / 1P
   RIGHT ANGLE FEMALE D-SUB
DXXX-PL-24-EMI ADAM-TECH-DXXX-PL-24-EMI Datasheet
110Kb / 1P
   D-SUB RIGHT ANGLE MALE
DXXX-SL-23 ADAM-TECH-DXXX-SL-23 Datasheet
104Kb / 1P
   D-SUB RIGHT ANGLE PCB
DXXX-SL-24-F ADAM-TECH-DXXX-SL-24-F Datasheet
107Kb / 1P
   D-SUB RIGHT ANGLE PCB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com