Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM712 Datasheet(PDF) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SM712
Description  7 to 12 V POWER olts VOLTAGE WATT 400 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SM712 Datasheet(HTML) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

  SM712 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SM712 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SM712 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SOT-23 MECHANICAL DATA
Millimeters
Dim
Min
TYP
Max
A
1.00
1.40
A1
0
0.10
A2
1.00
1.30
b
0.35
0.50
c
0.10
0.20
D
2.70
2.90
3.10
E
2.40
2.80
E1
1.40
1.60
e
0.85
1.15
e1
1.90
L1
0.40
.
q
10°
S
0.45
0.55
www.shunyegroup.com.cn


Similar Part No. - SM712

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM712 SEMTECH-SM712 Datasheet
147Kb / 6P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
SAMYANG ELECTRONICS CO....
SM712 SAMYANG-SM712 Datasheet
1Mb / 3P
   ESD PROTECTION
logo
Semtech Corporation
SM712 SEMTECH-SM712 Datasheet
147Kb / 6P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Shenzhen Luguang Electr...
SM712 LUGUANG-SM712 Datasheet
1Mb / 4P
   Asymmetrical TVS Diode for Extended Common-Mode RS-485
Revision:20170701-P1
logo
Socay Electornics Co., ...
SM712 SOCAY-SM712 Datasheet
154Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results

Similar Description - SM712

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
PJDLC12 SHUNYE-PJDLC12 Datasheet
1Mb / 3P
   5 to 24 Volts POWER 400 Watts VOLTAGE WATT
PJDLC05 SHUNYE-PJDLC05_17 Datasheet
1Mb / 3P
   5 to 24 Volts POWER 400 Watts VOLTAGE WATT
PJDLC24 SHUNYE-PJDLC24 Datasheet
1Mb / 3P
   5 to 24 Volts POWER 400 Watts VOLTAGE WATT
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8A YFWDIODE-P4KE6.8A_V01 Datasheet
917Kb / 6P
   Transient voltage suppressor power 400 watts
logo
Micro Commercial Compon...
P4KE68 MCC-P4KE68 Datasheet
53Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
HAOPIN MICROELECTRONICS...
XL0840 HAOPIN-XL0840 Datasheet
397Kb / 5P
   Blocking voltage to 400 V
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ8.5A YFWDIODE-P4SMAFJ8.5A Datasheet
127Kb / 3P
   Surface mounttransient voltage suppressor power 400 watts
SMF5.0A YFWDIODE-SMF5.0A Datasheet
88Kb / 4P
   Surface mounttransient voltage suppressor power 400 watts
logo
HAOPIN MICROELECTRONICS...
CR02AM HAOPIN-CR02AM Datasheet
179Kb / 5P
   Blocking voltage to 400 V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com