Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2040CT Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR2040CT
Description  20A Surface Mount High Power Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR2040CT Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR2040CT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR2040CT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR2040CT Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2
■ D PAK(TO-263) foot print
Dimensions in inches and (millimeters)
B
0.665 (16.90)
A
0.425 (10.80)
C
0.374 (9.50)
D
0.071 (1.80)
E
0.098 (2.50)
B
A
D
G
C
E
F
F
G
0.138 (3.50) 0.449 (11.40)
MBR2040
BCT THRU MBR20200BCT
20A Surface Mount High Power Schottky Barrier Rectifiers
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - MBR2040CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2040CT DIODES-MBR2040CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
Mospec Semiconductor
MBR2040CT MOSPEC-MBR2040CT Datasheet
139Kb / 2P
   Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR2040CT KERSEMI-MBR2040CT Datasheet
438Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Jiangsu Changjiang Elec...
MBR2040CT JIANGSU-MBR2040CT Datasheet
195Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
MBR2040CT MCC-MBR2040CT Datasheet
67Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR2040CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MBRB2040CT CITC-MBRB2040CT Datasheet
101Kb / 3P
   20A Surface Mount High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR2040FCT LUGUANG-LGMBR2040FCT Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
LGSB2040CT LUGUANG-LGSB2040CT Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
LGSB2040FCT LUGUANG-LGSB2040FCT Datasheet
2Mb / 2P
   20A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SB2040CT CITC-SB2040CT Datasheet
97Kb / 3P
   20A High Power Schottky Barrier Rectifiers
MBR2040CT CITC-MBR2040CT Datasheet
99Kb / 3P
   20A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR2040CT-J LUGUANG-LGMBR2040CT-J Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SBF2040CT CITC-SBF2040CT Datasheet
98Kb / 3P
   20A High Power Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
SB20T80L ZSELEC-SB20T80L Datasheet
332Kb / 3P
   20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR2045L ZSELEC-SR2045L Datasheet
263Kb / 3P
   20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com