Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR30200BCT Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR30200BCT
Description  30A Surface Mount High Power Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR30200BCT Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR30200BCT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR30200BCT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR30200BCT Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2
■ D PAK(TO-263) foot print
Dimensions in inches and (millimeters)
B
0.665 (16.90)
A
0.425 (10.80)
C
0.374 (9.50)
D
0.071 (1.80)
E
0.098 (2.50)
B
A
D
G
C
E
F
F
G
0.138 (3.50) 0.449 (11.40)
MBR3040
BCT THRU MBR30200BCT
30A Surface Mount High Power Schottky Barrier Rectifiers
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - MBR30200BCT

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MBR30200 JUXING-MBR30200 Datasheet
2Mb / 2P
   Schottky Barrier Rectifiers
logo
Unisonic Technologies
MBR30200C UTC-MBR30200C Datasheet
113Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
MBR30200C RECTRON-MBR30200C Datasheet
362Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
MBR30200C-T SKTECHNOLGY-MBR30200C-T Datasheet
370Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
MBR30200C-TF SKTECHNOLGY-MBR30200C-TF Datasheet
370Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR30200BCT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MBRB3040CT CITC-MBRB3040CT Datasheet
102Kb / 3P
   30A Surface Mount High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGSB3040FCT LUGUANG-LGSB3040FCT Datasheet
2Mb / 2P
   30A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SBF3040CT CITC-SBF3040CT Datasheet
98Kb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGSB3040CT LUGUANG-LGSB3040CT Datasheet
1Mb / 2P
   30A High Power Schottky Barrier Rectifiers
LGMBR30100CT-J LUGUANG-LGMBR30100CT-J Datasheet
1Mb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
MBR3040CT CITC-MBR3040CT Datasheet
99Kb / 3P
   30A High Power Schottky Barrier Rectifiers
SB3040CT CITC-SB3040CT Datasheet
97Kb / 3P
   30A High Power Schottky Barrier Rectifiers
MBRF3040CT CITC-MBRF3040CT Datasheet
100Kb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBG3030CT DIODES-SBG3030CT Datasheet
47Kb / 2P
   30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30025 Rev. C-2
SBG3030CT DIODES-SBG3030CT_15 Datasheet
82Kb / 5P
   30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com