Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2065CT Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR2065CT
Description  20A Surface Mount High Power Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR2065CT Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR2065CT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR2065CT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR2065CT Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions in inches and (millimeters)
Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Suffix "
H" indicates Halogen-free part, ex.MBR2040BCTH. Lead-
free parts meet environmental standards of
MIL-STD-19500 /228
MBR2040
BCT THRU MBR20200BCT
I
O
I
FSM
I
R
C
J
T
STG
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+175
150
10
0.1
20
150
A
A
mA
OC/W
OC
30
R
θJA
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
Operating
temperature
O
T ( C)
J
-55 ~ +150
-55 ~ +175
Max.
forward voltage
O
@10A, T = 25 C
A
V (V)
F
0.79
0.70
0.81
0.87
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
31.5
42
45.5
28
70
105
Max.
repetitive peak
reverse voltage
V
(V)
RRM
45
60
65
40
100
150
Marking code
MBR2045
BCT
MBR2060
BCT
MBR2065
BCT
MBR2040
BCT
MBR20100
BCT
MBR20150
BCT
Symbol
Max.
forward voltage
O
@10A, T = 125 C
A
V (V)
F
0.70
0.57
0.71
0.77
MBR20200
BCT
MBR2045CT
MBR2060CT
MBR2065CT
MBR2040CT
MBR20100CT
MBR20150CT
MBR20200CT
200
45
60
65
40
100
150
200
0.90
0.80
140
2
D PAK(TO-263)
2
• Case : Molded plastic, TO-263 / D PAK
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity: Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 1.70 gram
• Epoxy : UL94-V0 rated flame retardant.
.
.
.
20A Surface Mount High Power Schottky Barrier Rectifiers
Marking code
0.411(10.45)
0.380(9.65)
0.228(5.80)
0.173(4.40)
0.370(9.40)
0.320(8.13)
0.205(5.20)
0.189(4.80)
0.063(1.60)
0.024(0.60)
0.024(0.60)
0.011(0.28)
0.055(1.40)
0.045(1.14)
0.190(4.83)
0.160(4.06)
0~0.012(0~0.30)
0.110(2.79)
0.090(2.29)
0.055(1.40)
0.031(0.80)
PIN 1
PIN 3
PIN 2
1
3
2
0.245(6.22)
MIN
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - MBR2065CT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MBR2065CT ISC-MBR2065CT Datasheet
135Kb / 2P
   Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
MBR2065CT-J LUGUANG-MBR2065CT-J Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
More results

Similar Description - MBR2065CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MBRB2040CT CITC-MBRB2040CT Datasheet
101Kb / 3P
   20A Surface Mount High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR2040FCT LUGUANG-LGMBR2040FCT Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
LGSB2040CT LUGUANG-LGSB2040CT Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
LGSB2040FCT LUGUANG-LGSB2040FCT Datasheet
2Mb / 2P
   20A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SB2040CT CITC-SB2040CT Datasheet
97Kb / 3P
   20A High Power Schottky Barrier Rectifiers
MBR2040CT CITC-MBR2040CT Datasheet
99Kb / 3P
   20A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR2040CT-J LUGUANG-LGMBR2040CT-J Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SBF2040CT CITC-SBF2040CT Datasheet
98Kb / 3P
   20A High Power Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
SB20T80L ZSELEC-SB20T80L Datasheet
332Kb / 3P
   20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR2045L ZSELEC-SR2045L Datasheet
263Kb / 3P
   20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com