Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB546A-DCIRNQT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB546A-DCIRNQT
Description  USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB546A-DCIRNQT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB546A-DCIRNQT Datasheet HTML 5Page - Texas Instruments TUSB546A-DCIRNQT Datasheet HTML 6Page - Texas Instruments TUSB546A-DCIRNQT Datasheet HTML 7Page - Texas Instruments TUSB546A-DCIRNQT Datasheet HTML 8Page - Texas Instruments TUSB546A-DCIRNQT Datasheet HTML 9Page - Texas Instruments TUSB546A-DCIRNQT Datasheet HTML 10Page - Texas Instruments TUSB546A-DCIRNQT Datasheet HTML 11Page - Texas Instruments TUSB546A-DCIRNQT Datasheet HTML 12Page - Texas Instruments TUSB546A-DCIRNQT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
9
TUSB546A-DCI
www.ti.com
SLLSF14 – JUNE 2017
Product Folder Links: TUSB546A-DCI
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.9 Timing Requirements
MIN
NOM
MAX
UNIT
USB Gen 1
tIDLEEntry
Delay from U0 to electrical idle
See Figure 14
10
ns
tIDELExit_U1
U1 exist time: break in electrical idle to
the transmission of LFPS
See Figure 14
6
ns
tIDLEExit_U2U3
U2/U3 exit time: break in electrical idle to transmission of LFPS
10
µs
tRXDET_INTVL
RX detect interval while in Disconnect
12
ms
tIDLEExit_DISC
Disconnect Exit Time
10
µs
tExit_SHTDN
Shutdown Exit Time
1
ms
tDIFF_DLY
Differential Propagation Delay
See Figure 13
300
ps
tR, tF
Output Rise/Fall time (see Figure 15)
20%-80% of differential
voltage measured 1 inch
from the output pin
40
ps
tRF_MM
Output Rise/Fall time mismatch
20%-80% of differential
voltage measured 1 inch
from the output pin
2.6
ps
6.10 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUXp or AUXn and SBU1 or SBU2
tAUX_PD
Switch propagation delay
400
ps
tAUX_SW_OFF
Switching time CTL1 to switch OFF. Not including
TCTL1_DEBOUNCE.
500
ns
tAUX_SW_ON
Switching time CTL1 to switch ON
500
ns
tAUX_INTRA
Intra-pair output skew
100
ps
USB3.1 and DisplayPort mode transition requirement GPIO mode
tGP_USB_4DP
Min overlap of CTL0 and CTL1 when transitioning from USB 3.1 only
mode to 4-Lane DisplayPort mode or vice versa.
4
µs
CTL1 and HPDIN
tCTL1_DEBOUNCE
CTL1 and HPDIN debounce time when transitioning from H to L.
2
10
ms
I2C (Refer to Figure 11)
fSCL
I2C clock frequency
1
MHz
tBUF
Bus free time between START and STOP conditions
0.5
µs
tHDSTA
Hold time after repeated START condition. After this period, the first
clock pulse is generated
0.26
µs
tLOW
Low period of the I2C clock
0.5
µs
tHIGH
High period of the I2C clock
0.26
µs
tSUSTA
Setup time for a repeated START condition
0.26
µs
tHDDAT
Data hold time
0
μs
tSUDAT
Data setup time
50
ns
tR
Rise time of both SDA and SCL signals
120
ns
tF
Fall time of both SDA and SCL signals
20 × (V(I2C)/5.5
V)
120
ns
tSUSTO
Setup time for STOP condition
0.26
μs
Cb
Capacitive load for each bus line
150
pF


Similar Part No. - TUSB546A-DCIRNQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546A-DCIRNQT TI1-TUSB546A-DCIRNQT Datasheet
1Mb / 49P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
More results

Similar Description - TUSB546A-DCIRNQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
[Old version datasheet]   USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
[Old version datasheet]   USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064_18 Datasheet
2Mb / 50P
[Old version datasheet]   USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
[Old version datasheet]   USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com