Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A9001DSKT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A9001DSKT
Description  500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A9001DSKT Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A9001DSKT Datasheet HTML 1Page - Texas Instruments TPS7A9001DSKT Datasheet HTML 2Page - Texas Instruments TPS7A9001DSKT Datasheet HTML 3Page - Texas Instruments TPS7A9001DSKT Datasheet HTML 4Page - Texas Instruments TPS7A9001DSKT Datasheet HTML 5Page - Texas Instruments TPS7A9001DSKT Datasheet HTML 6Page - Texas Instruments TPS7A9001DSKT Datasheet HTML 7Page - Texas Instruments TPS7A9001DSKT Datasheet HTML 8Page - Texas Instruments TPS7A9001DSKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
TPS7A90
www.ti.com
SBVS324 – JUNE 2017
Product Folder Links: TPS7A90
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
When the device is connected to external feedback resistors at the FB pin, external resistor tolerances are not included.
(2)
The device is not tested under conditions where VIN > VOUT + 2.5 V and IOUT = 0.5 A because the power dissipation is higher than the
maximum rating of the package. Also, this accuracy specification does not apply on any application condition that exceeds the power
dissipation limit of the package under test.
6.5 Electrical Characteristics
over operating temperature range (TJ = –40°C to +125°C), 1.4 V ≤ VIN ≤ 6.5 V, VOUT(NOM) = 0.8 V, IOUT = 5 mA, VEN = 1.4 V,
CIN = COUT = 10 μF, CNR/SS = CFF = 0 nF, SS_CTRL = GND, and PG pin pulled up to VIN with 100 kΩ (unless otherwise
noted); typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input supply voltage range
1.4
6.5
V
VREF
Reference voltage
0.8
V
VUVLO
Input supply UVLO
VIN rising
1.31
1.39
V
VHYS(UVLO)
Input supply UVLO hysteresis
290
mV
VOUT
Output voltage range
0.8
5.7
V
Output voltage accuracy(1)
1.4 V
≤ VIN ≤ 6.5 V, 5 mA ≤ IOUT ≤ 0.5 A
–1.0%
1.0%
ΔVOUT(ΔVIN)
Line regulation
0.005
%/V
ΔVOUT(ΔIOUT)
Load regulation(2)
5 mA
≤ IOUT ≤ 0.5 A
0.02
%/A
VDO
Dropout voltage
1.4 V
≤ VIN ≤ 5.0 V, IOUT = 0.5 A, VFB = 0.8 V – 3%
100
mV
5.0 V < VIN ≤ 5.7 V, IOUT = 0.5 A, VFB = 0.8 V – 3%
200
ILIM
Output current limit
VOUT forced at 0.9 × VOUT(NOM),
VIN = VOUT(NOM) + 300 mV
0.8
1.1
1.5
A
IGND
GND pin current
VIN = 6.5 V, IOUT = 5 mA
2.1
3.5
mA
VIN = 1.4 V, IOUT = 0.5 A
4
ISDN
Shutdown GND pin current
PG = (open), VIN = 6.5 V, VEN = 0.4 V
0.1
15
µA
IEN
EN pin current
VIN = 6.5 V, 0 V ≤ VEN ≤ 6.5 V
–0.2
0.2
µA
VIL(EN)
EN pin low-level input voltage
(device disabled)
0
0.4
V
VIH(EN)
EN pin high-level input voltage
(device enabled)
1.1
6.5
V
ISS_CTRL
SS_CTRL pin current
VIN = 6.5 V, 0 V ≤ VSS_CTRL ≤ 6.5 V
–0.2
0.2
µA
VIT(PG)
PG pin threshold
For PG transitioning low with falling VOUT, expressed as
a percentage of VOUT(NOM)
82%
88.9%
93%
VHYS(PG)
PG pin hysteresis
For PG transitioning high with rising VOUT, expressed as
a percentage of VOUT(NOM)
1%
VOL(PG)
PG pin low-level output voltage
VOUT < VIT(PG), IPG = –1 mA (current into device)
0.4
V
ILKG(PG)
PG pin leakage current
VOUT > VIT(PG), VPG = 6.5 V
1
µA
INR/SS
NR/SS pin charging current
VNR/SS = GND, VSS_CTRL = GND
4.0
6.2
9.0
µA
VNR/SS = GND, VSS_CTRL = VIN
65
100
150
IFB
FB pin leakage current
VIN = 6.5 V, VFB = 0.8 V
–100
100
nA
PSRR
Power-supply ripple rejection
f = 500 kHz, VIN = 3.8 V, VOUT(NOM) = 3.3 V,
IOUT = 250mA, CNR/SS = 10 nF, CFF = 10 nF
39
dB
Vn
Output noise voltage
BW = 10 Hz to 100 kHz, VIN = 1.8 V, VOUT(NOM) = 0.8 V,
IOUT = 0.5 A, CNR/SS = 10 nF, CFF = 10 nF
4.7
µVRMS
Noise spectral density
f = 10 kHz, VIN = 1.8 V, VOUT(NOM) = 0.8 V,
IOUT = 0.5 A, CNR/SS = 10 nF, CFF = 10 nF
13
nV/
√Hz
Rdiss
Output active discharge
resistance
VEN = GND
250
Ω
Tsd
Thermal shutdown temperature
Shutdown, temperature increasing
160
°C
Reset, temperature decreasing
140


Similar Part No. - TPS7A9001DSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A9001DSKT TI-TPS7A9001DSKT Datasheet
3Mb / 34P
[Old version datasheet]   TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
More results

Similar Description - TPS7A9001DSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A90 TI-TPS7A90_V01 Datasheet
3Mb / 34P
[Old version datasheet]   TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
SCP51460 ONSEMI-SCP51460 Datasheet
123Kb / 6P
   High Accuracy Low Noise 20mA LDO Regulator
February, 2010 ??Rev. 0
SCP51460 ONSEMI-SCP51460_16 Datasheet
105Kb / 6P
   High Accuracy Low Noise 20mA LDO Regulator
October, 2016 ??Rev. 1
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
   500 mA Low-Noise LDO Regulator
09/14/21
logo
ON Semiconductor
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Texas Instruments
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
[Old version datasheet]   1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
   3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
logo
Texas Instruments
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
[Old version datasheet]   2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com