Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4E02B04QDQARQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E02B04QDQARQ1
Description  4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E02B04QDQARQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPD4E02B04QDQARQ1 Datasheet HTML 1Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 2Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 3Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 4Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 5Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 6Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 7Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 8Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
USB Type-C
Connector
SSRX1P
SSRX1N
SSTX1P
SSTX1N
SSRX2N
SSRX2P
SSTX2N
SSTX2P
DMB
DPB
SBU1
CC2
SBU2
CC1
DPT
DMT
TPD4E02B04-Q1
TPD4E05U06-Q1
TPD4E05U06-Q1
TPD4E02B04-Q1
VBUS
VBUS
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TPD4E02B04-Q1
SLVSDZ2 – JUNE 2017
TPD4E02B04-Q1 4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
1
1 Features
1
AEC-Q101 Qualified
IEC 61000-4-2 Level 4 ESD Protection
±12-kV Contact Discharge
±15-kV Air Gap Discharge
ISO 10605 (330 pF, 330 Ω) ESD Protection
±8 kV Contact Discharge
±15-kV Air Gap Discharge
IEC 61000-4-4 EFT Protection
80 A (5/50 ns)
IEC 61000-4-5 Surge Protection
2 A (8/20 µs)
IO Capacitance:
0.25 pF (Typical)
DC Breakdown Voltage: 5.5 V (Minimum)
Ultra Low Leakage Current: 10 nA (Maximum)
Low ESD Clamping Voltage: 8.8 V at 5-A TLP
Supports High Speed Interfaces up to 10 Gbps
Industrial Temperature Range: –40°C to +125°C
Easy Flow-Through Routing Package
2 Applications
End Equipment
Head Unit
Rear Seat Entertainment
Telematics
USB Hub
Cluster
Body Control Module
Media Interface
Interfaces
USB Type-C
USB 3.1 Gen 2
HDMI 2.0/1.4
USB 3.0
DisplayPort 1.3
Ethernet
3 Description
The TPD4E02B04-Q1 is an automotive-qualified
bidirectional TVS ESD protection diode array for USB
Type-C
and
HDMI
2.0
circuit
protection.
The
TPD4E02B04-Q1 is rated to dissipate ESD strikes at
the maximum level specified in the IEC 61000-4-2
international standard (Level 4).
This device features a 0.25-pF IO capacitance per
channel making it ideal for protecting high-speed
interfaces up to 10 Gbps such as USB 3.1 Gen2. The
low dynamic resistance and low clamping voltage
ensure system level protection against transient
events.
The TPD4E02B04-Q1 is offered in the industry
standard USON-10 (DQA) package. The package
features flow-through routing and 0.5-mm pin pitch
easing implementation and reducing design time.
This device is also available without automotive
qualification: TPD4E02B04.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD4E02B04-Q1
USON (10)
2.50 mm × 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Similar Part No. - TPD4E02B04QDQARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04DQAR TI1-TPD4E02B04DQAR Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR TECHPUBLIC-TPD4E02B04DQAR Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
More results

Similar Description - TPD4E02B04QDQARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
[Old version datasheet]   TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
logo
Chrontel, Inc.
CH7216A CHRONTEL-CH7216A Datasheet
222Kb / 9P
   CH7216A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.2 2022-12-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com