Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3221 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3221
Description  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA3221 Datasheet HTML 3Page - Texas Instruments TPA3221 Datasheet HTML 4Page - Texas Instruments TPA3221 Datasheet HTML 5Page - Texas Instruments TPA3221 Datasheet HTML 6Page - Texas Instruments TPA3221 Datasheet HTML 7Page - Texas Instruments TPA3221 Datasheet HTML 8Page - Texas Instruments TPA3221 Datasheet HTML 9Page - Texas Instruments TPA3221 Datasheet HTML 10Page - Texas Instruments TPA3221 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
TPA3221
www.ti.com
SLASEE9 – JUNE 2017
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Nominal, AM1 and AM2 use same internal oscillator with fixed ratio 4.5 : 5 : 6
(2)
Specified by design.
7.5 Electrical Characteristics
PVDD_X = 30 V, VDD = 5 V, GVDD = 5 V, TC (Case temperature) = 75 °C, fS = 400 kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
AVDD
Voltage regulator. Only used as reference
node when supplied by internal LDO. Voltage
regulator bypassed for VDD = 5 V.
VDD = 30 V
5
V
IVDD
VDD supply current. LDO mode (VDD > 7 V)
Operating, no audio signal
22
mA
µA
Reset mode
50
VDD supply current. LDO bypass mode
(VDD = 5 V)
Operating, no audio signal
150
Reset mode
50
IAVDD
Gate-supply current. LDO bypass mode
(VDD = 5 V)
Operating, no audio signal
9
mA
Reset mode
1
IGVDD
Gate-supply current. LDO bypass mode
(VDD = 5 V), AD-mode modulation
50% duty cycle
13
mA
Reset mode
50
µA
mA
Gate-supply current. LDO bypass mode
(VDD = 5 V), 1-SPW-mode modulation
TBD% duty cycle
13
Reset mode
50
µA
IPVDD
Total PVDD idle current, AD-mode
modulation
50% duty cycle with recommended output filter
18
mA
Reset mode, No switching
1
Total PVDD idle current, 1SPW-mode
modulation
TBD% duty cycle with recommended output filter
12.5
Reset mode, No switching
1
ANALOG INPUTS
VIN
Maximum input voltage swing
±2.8
V
IIN
Maximum input current
-1
1
mA
G
Inverting voltage Gain, VOUT/VIN(Master
Mode)
R1 = 5.6 kΩ, R2 = OPEN
18
dB
R1 = 20 kΩ, R2 = 100 kΩ
24
R1 = 39 kΩ, R2 = 100 kΩ
30
R1 = 47 kΩ, R2 = 75 kΩ
34
Inverting voltage Gain, VOUT/VIN(Slave Mode)
R1 = 51 kΩ, R2 = 51 kΩ
18
R1 = 75 kΩ, R2 = 47 kΩ
24
R1 = 100 kΩ, R2 = 39 kΩ
30
R1 = 100 kΩ, R2 = 16 kΩ
34
RIN
Input resistance
G = 18 dB
48
k
G = 24 dB
24
G = 30 dB
12
G = 34 dB
7.7
OSCILLATOR
fOSC(IO)
(1)
Nominal, Master Mode
FPWM × 6
2.3
2.4
2.5
MHz
AM1, Master Mode
2.5
2.64
2.75
AM2, Master Mode
2.85
3
3.15
VIH
High level input voltage
1.86
V
VIL
Low level input voltage
1.45
V
EXTERNAL OSCILLATOR (Slave Mode)
fOSC(IO)
CLK input on OSCM/OSCP (Slave Mode)
2.3
3.78
MHz
OUTPUT-STAGE MOSFETs
RDS(on)
Drain-to-source resistance, low side (LS)
TJ = 25 °C, Excludes metallization resistance,
GVDD = 5 V
70
m
Drain-to-source resistance, high side (HS)
70
m
I/O PROTECTION
Vuvp,AVDD
Undervoltage protection limit, AVDD
4
V
Vuvp,AVDD,hyst
(2)
0.2
V
Vuvp,PVDD
Undervoltage protection limit, PVDD_x
6.4
V
Vuvp,PVDD,hyst
(2)
0.45
V


Similar Part No. - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com