Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV710 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV710
Description  Dual, 200-mA, Low-IQ Low-Dropout Regulator for Portable Devices
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV710 Datasheet(HTML) 2 Page - Texas Instruments

  TLV710 Datasheet HTML 1Page - Texas Instruments TLV710 Datasheet HTML 2Page - Texas Instruments TLV710 Datasheet HTML 3Page - Texas Instruments TLV710 Datasheet HTML 4Page - Texas Instruments TLV710 Datasheet HTML 5Page - Texas Instruments TLV710 Datasheet HTML 6Page - Texas Instruments TLV710 Datasheet HTML 7Page - Texas Instruments TLV710 Datasheet HTML 8Page - Texas Instruments TLV710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TLV7103318-Q1
TLV7101828-Q1
SBVS202A – MARCH 2013 – REVISED MARCH 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DEVICE DETAILS
PRODUCT
VOUT
(1)
TLV710xxyyqwwwz
XX is nominal output voltage of channel 1 (for example 18 = 1.8 V).
YY is nominal output voltage of channel 2 (for example 28 = 2.8V).
Q is optional. Use "U" for devices with EN pin pull-up resistor, and "D" for devices with EN
pin pull-down resistor.
WWW is package designator.
Z is package quantity. Use "R" for reel (3000 pieces), and "T" for tape (250 pieces).
(1)
Output voltages from 1.2V to 4.8V in 50mV increments are available through the use of innovative factory OTP programming; minimum
order quantities may apply. Contact factory for details and availability.
ORDERING INFORMATION(1)
ORDERABLE PART NUMBER
TA
PACKAGE(2)
TOP-SIDE MARKING
TLV7103318QDSERQ1
ZD
–40°C to 125°C
WSON-DSE
Reel of 3000
TLV7101828QDSERQ1
CP
(1)
For the most-current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
At TA = –40°C to 125°C (unless otherwise noted).
VALUE
MIN
MAX
UNIT
IN
–0.3
6
V
Voltage(2)
EN
–0.3
VIN 0.3
V
OUT
–0.3
6
V
Current
OUT
Internally limited
A
Output short-circuit duration
Indefinite
s
Operating ambient, TA
–40
125
°C
Temperature
Junction, TJ
150
°C
Storage, Tstg
–55
150
°C
Human-Body Model (HBM) AEC-Q100 Classification Level H2
2
kV
Electrostatic Discharge (ESD) rating Charged-Device Model (CDM) AEC-Q100 Classification Level
750
V
C4B
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages with respect to ground.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TLV7103318-Q1 TLV7101828-Q1


Similar Part No. - TLV710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV710 TI-TLV710 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV710 TI1-TLV710 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV710 TI1-TLV710 Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
TLV710 TI1-TLV710 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV710-Q1 TI1-TLV710-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com