Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV7101828-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV7101828-Q1
Description  Dual, 200-mA, Low-IQ Low-Dropout Regulator for Portable Devices
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7101828-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV7101828-Q1 Datasheet HTML 5Page - Texas Instruments TLV7101828-Q1 Datasheet HTML 6Page - Texas Instruments TLV7101828-Q1 Datasheet HTML 7Page - Texas Instruments TLV7101828-Q1 Datasheet HTML 8Page - Texas Instruments TLV7101828-Q1 Datasheet HTML 9Page - Texas Instruments TLV7101828-Q1 Datasheet HTML 10Page - Texas Instruments TLV7101828-Q1 Datasheet HTML 11Page - Texas Instruments TLV7101828-Q1 Datasheet HTML 12Page - Texas Instruments TLV7101828-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
200
180
160
140
120
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-40°C
180
160
140
120
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-
°C
40
180
160
140
120
100
80
60
40
20
0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
(V)
IN
4.8
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
V
=V
=4.8V
I
=150mA
OUT1
OUT2
OUT
250
200
150
100
50
0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
(V)
IN
4.8
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=V
=4.8V
I
=200mA
OUT1
OUT2
OUT
70
60
50
40
30
20
10
0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
(V)
IN
4.8
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
V
=V
=4.8V
I
=50mA
OUT1
OUT2
OUT
120
100
80
60
40
20
0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
(V)
IN
4.8
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
V
=V
=4.8V
I
=100mA
OUT1
OUT2
OUT
TLV7103318-Q1
TLV7101828-Q1
www.ti.com
SBVS202A – MARCH 2013 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range of TA = –40°C to 125°C, VEN1 = VEN2 = VIN, CIN = 1 μF, COUT1 = 1 μF, and COUT2 = 1 μF,
unless otherwise noted. Typical values are at TA = 25°C.
DROPOUT VOLTAGE
DROPOUT VOLTAGE
versus INPUT VOLTAGE
versus INPUT VOLTAGE
Figure 14.
Figure 15.
DROPOUT VOLTAGE
DROPOUT VOLTAGE
versus INPUT VOLTAGE
versus INPUT VOLTAGE
Figure 16.
Figure 17.
DROPOUT VOLTAGE versus OUTPUT CURRENT:
DROPOUT VOLTAGE versus OUTPUT CURRENT: VOUT2
VOUT1/VOUT2
(TLV7101828-Q1)
(TLV7103333)
Figure 18.
Figure 19.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV7103318-Q1 TLV7101828-Q1


Similar Part No. - TLV7101828-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7101828-Q1 TI1-TLV7101828-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 200-mA, Low-I Low-Dropout Regulator for Portable Devices
TLV7101828-Q1 TI1-TLV7101828-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
More results

Similar Description - TLV7101828-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com