Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9555201QHA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9555201QHA
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9555201QHA Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5962-9555201QHA Datasheet HTML 7Page - Texas Instruments 5962-9555201QHA Datasheet HTML 8Page - Texas Instruments 5962-9555201QHA Datasheet HTML 9Page - Texas Instruments 5962-9555201QHA Datasheet HTML 10Page - Texas Instruments 5962-9555201QHA Datasheet HTML 11Page - Texas Instruments 5962-9555201QHA Datasheet HTML 12Page - Texas Instruments 5962-9555201QHA Datasheet HTML 13Page - Texas Instruments 5962-9555201QHA Datasheet HTML 14Page - Texas Instruments 5962-9555201QHA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
15
10
5
0
−1
0
1
20
25
2
3
4
5
αVIO − Temperature Coefficient − µ °
V/ C
128 Amplifiers From
2 Wafer Lots
VDD = ± 2.5 V
P Package
25°C to 125°C
− 5 − 4
− 3
− 2
− 5 − 4
− 3
− 2
15
10
5
0
−1
0
1
20
25
2
3
4
5
αVIO − Temperature Coefficient − µ °
V/ C
128 Amplifiers From
2 Wafer Lots
VDD = ± 5 V
P Package
25°C to 125°C
0.5
0
−1
−1
0
1
1
2
3
4
5
VIC − Common-Mode Voltage − V
VDD = 5 V
TA = 25°C
RS = 50 Ω
− 0.5
0.5
0
−1
−1
0
1
1
2
3
4
5
VIC − Common-Mode Voltage − V
− 0.5
VDD = ± 5 V
TA = 25°C
RS = 50 Ω
− 6 − 5 − 4 − 3 − 2
VIO − Input Offset Voltage − mV
10
5
0
20
15
−1.6
−1.2
0
0.4
0.8
1.2
1.6
891 Amplifiers From
− 0.8 − 0.4
2 Wafer Lots
VDD = ± 2.5 V
TA = 25°C
VIO − Input Offset Voltage − mV
10
5
0
20
15
−1.6
−1.2
0
0.4
0.8
1.2
1.6
− 0.8 − 0.4
891 Amplifiers From
2 Wafer Lots
VDD = ± 5 V
TA = 25°C
11
TLC2272M-MIL
www.ti.com
SLOS983 – JUNE 2017
Product Folder Links: TLC2272M-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 1. Distribution of Input Offset Voltage
Figure 2. Distribution of Input Offset Voltage
Figure 3. Input Offset Voltage vs Common-Mode Voltage
Figure 4. Input Offset Voltage vs Common-Mode Voltage
Figure 5. Distribution of Amplifiers vs
Input Offset Voltage Temperature Coefficient
Figure 6. Distribution of Amplifiers vs
Input Offset Voltage Temperature Coefficient


Similar Part No. - 5962-9555201QHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9555201QHA TI-5962-9555201QHA Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
5962-9555201QHA TI-5962-9555201QHA Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
5962-9555201QHA TI-5962-9555201QHA Datasheet
2Mb / 77P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
5962-9555201QHA TI1-5962-9555201QHA Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
More results

Similar Description - 5962-9555201QHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272AM-MIL TI1-TLC2272AM-MIL Datasheet
925Kb / 32P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274AM-MIL TI1-TLC2274AM-MIL Datasheet
1Mb / 33P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274M-MIL TI1-TLC2274M-MIL Datasheet
1Mb / 33P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274-HT TI-TLC2274-HT Datasheet
1Mb / 29P
[Old version datasheet]   TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com