Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2274AM-MIL Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274AM-MIL
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274AM-MIL Datasheet(HTML) 2 Page - Texas Instruments

  TLC2274AM-MIL Datasheet HTML 1Page - Texas Instruments TLC2274AM-MIL Datasheet HTML 2Page - Texas Instruments TLC2274AM-MIL Datasheet HTML 3Page - Texas Instruments TLC2274AM-MIL Datasheet HTML 4Page - Texas Instruments TLC2274AM-MIL Datasheet HTML 5Page - Texas Instruments TLC2274AM-MIL Datasheet HTML 6Page - Texas Instruments TLC2274AM-MIL Datasheet HTML 7Page - Texas Instruments TLC2274AM-MIL Datasheet HTML 8Page - Texas Instruments TLC2274AM-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
TLC2274AM-MIL
SLOS986 – JUNE 2017
www.ti.com
Product Folder Links: TLC2274AM-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics VDD = 5 V.......................... 6
6.6
Electrical Characteristics VDD± = ±5 V...................... 8
6.7
Typical Characteristics .............................................. 9
7
Detailed Description ............................................ 19
7.1
Overview ................................................................. 19
7.2
Functional Block Diagram ....................................... 19
7.3
Feature Description................................................. 19
7.4
Device Functional Modes........................................ 19
8
Application and Implementation ........................ 20
8.1
Application Information............................................ 20
8.2
Typical Application .................................................. 21
9
Power Supply Recommendations ...................... 23
10
Layout................................................................... 24
10.1
Layout Guidelines ................................................. 24
10.2
Layout Example .................................................... 24
11
Device and Documentation Support ................. 25
11.1
Receiving Notification of Documentation Updates 25
11.2
Community Resources.......................................... 25
11.3
Trademarks ........................................................... 25
11.4
Electrostatic Discharge Caution ............................ 25
11.5
Glossary ................................................................ 25
12
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
DATE
REVISION
NOTE
June 2017
*
Initial release


Similar Part No. - TLC2274AM-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2274AM TI-TLC2274AM Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AM TI1-TLC2274AM Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC2274AM TI1-TLC2274AM Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274AM TI1-TLC2274AM Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS Rail-To-Rail Operational Amplifiers
TLC2274AM TI-TLC2274AM Datasheet
2Mb / 55P
[Old version datasheet]   TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
More results

Similar Description - TLC2274AM-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272M-MIL TI1-TLC2272M-MIL Datasheet
1Mb / 36P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272AM-MIL TI1-TLC2272AM-MIL Datasheet
925Kb / 32P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274M-MIL TI1-TLC2274M-MIL Datasheet
1Mb / 33P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274-HT TI-TLC2274-HT Datasheet
1Mb / 29P
[Old version datasheet]   TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com