Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIOS101-5 Datasheet(PDF) 1 Page - Texas Instruments

Part # TIOS101-5
Description  Digital Sensor Output Drivers with Integrated Surge Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOS101-5 Datasheet(HTML) 1 Page - Texas Instruments

  TIOS101-5 Datasheet HTML 1Page - Texas Instruments TIOS101-5 Datasheet HTML 2Page - Texas Instruments TIOS101-5 Datasheet HTML 3Page - Texas Instruments TIOS101-5 Datasheet HTML 4Page - Texas Instruments TIOS101-5 Datasheet HTML 5Page - Texas Instruments TIOS101-5 Datasheet HTML 6Page - Texas Instruments TIOS101-5 Datasheet HTML 7Page - Texas Instruments TIOS101-5 Datasheet HTML 8Page - Texas Instruments TIOS101-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DIAGNOSTICS
and
CONTROL
VOLTAGE
REGULATOR
ILIM_ADJ
CUR_OK
EN
IN
VCC_OUT
PWR_OK
VCC
OUT
GND
TMP_OK
NFAULT
TIOS101-x
1 µF
10 V
RSET
0.1 µF
100 V
10
Sensor
Front-End
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TIOS101
SLLSEV6 – JULY 2017
TIOS101 Digital Sensor Output Drivers with Integrated Surge Protection
1
1 Features
1
7-V to 36-V Supply Voltage
PNP, NPN or Push-Pull Configurable Output
Low Residual Voltage of 1.75 V at 250 mA
50-mA to 350-mA Configurable Current Limit
Tolerant to ±65-V Transients < 100 µs
Reverse Polarity Protection of up to 55 V on VCC,
OUT and GND
Integrated EMC Protection on VCC and OUT
±16 kV IEC 61000-4-2 ESD Contact Discharge
±4 kV IEC 61000-4-4 Electrical Fast Transient
±1.2 kV/500
Ω IEC 61000-4-5 Surge
Fast Demagnetization of Inductive Loads
up to 1.5 H
Large Capacitive Load Driving Capability
< 2.2-mA Quiescent Supply Current
Integrated LDO Options for up to 20 mA Current
TIOS101: No LDO
TIOS101-3: 3.3-V LDO
TIOS101-5: 5-V LDO
Overtemperature Warning and Thermal Protection
Fault Indicator
Extended Ambient Temperature: -40°C to 125°C
2.5 mm x 3 mm 10-pin VSON Package
2 Applications
Proximity Switches
Capacitive and Inductive Sensors
Digital Outputs
3 Description
The TIOS101 devices are configurable as high-side,
low-side or push-pull drivers. These devices are
capable of withstanding up to 1.2 kV (500
Ω) of IEC
61000-4-5 surge and feature integrated reverse
polarity protection.
A simple pin-programmable interface allows easy
interfacing to the controller circuits. The output
current limit can be configured using an external
resistor.
Fault reporting and internal protection functions are
provided for under voltage, over circuit current and
over temperature.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TIOS101
VSON (10)
2.50 mm x 3.00 mm
TIOS101-3
TIOS101-5
(1) For all available devices, see the orderable addendum at the
end of the data sheet.
Typical Application Diagram


Similar Part No. - TIOS101-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOS101 TI1-TIOS101 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
TIOS1013 TI1-TIOS1013 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
TIOS1013DMWR TI1-TIOS1013DMWR Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
TIOS1013DMWT TI1-TIOS1013DMWT Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
TIOS1015 TI1-TIOS1015 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
More results

Similar Description - TIOS101-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOS101 TI1-TIOS101_19 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
TIOS102 TI-TIOS102 Datasheet
1Mb / 33P
[Old version datasheet]   TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
FEBRUARY 2022
TIOS102 TI-TIOS102_V02 Datasheet
2Mb / 36P
[Old version datasheet]   TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED JUNE 2023
TIOS102 TI-TIOS102_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED DECEMBER 2022
logo
IC-Haus GmbH
IC-DXC ICHAUS-IC-DXC Datasheet
423Kb / 2P
   Digital Sensor Output Drivers
logo
Agilent(Hewlett-Packard...
HDCS1000 HP-HDCS1000 Datasheet
25Kb / 2P
   Integrated CMOS Image Sensor with Digital Output and Timing Controller
logo
Texas Instruments
TIOL111 TI1-TIOL111_19 Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
TIOL111 TI1-TIOL111 Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
   Temperature sensor with digital output
logo
ABLE Power Products
AP5P277 ABLEPOWERPRODUCTS-AP5P277 Datasheet
305Kb / 1P
   Surge Protection for Protection of LED Drivers and Controls
2/16/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com