Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMR23630DRRR Datasheet(PDF) 11 Page - Texas Instruments

Part # PLMR23630DRRR
Description  SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMR23630DRRR Datasheet(HTML) 11 Page - Texas Instruments

Back Button PLMR23630DRRR Datasheet HTML 7Page - Texas Instruments PLMR23630DRRR Datasheet HTML 8Page - Texas Instruments PLMR23630DRRR Datasheet HTML 9Page - Texas Instruments PLMR23630DRRR Datasheet HTML 10Page - Texas Instruments PLMR23630DRRR Datasheet HTML 11Page - Texas Instruments PLMR23630DRRR Datasheet HTML 12Page - Texas Instruments PLMR23630DRRR Datasheet HTML 13Page - Texas Instruments PLMR23630DRRR Datasheet HTML 14Page - Texas Instruments PLMR23630DRRR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
EA
REF
EN/SYNC
SW
CBOOT
VCC
Internal
SS
OV/UV
Detector
Oscillator
Precision
Enable
LDO
PFM
Detector
Slope
Comp
PWM CONTROL LOGIC
UVLO
TSD
Freq
Foldback
Zero
Cross
HICCUP
Detector
VIN
Rc
Cc
PGND
FB
LS I Sense
HS I Sense
FB
VCC
Enable
SYNC
Detector
SYNC Signal
SYNC Signal
AGND
(PGOOD)
Copyright © 2016, Texas Instruments Incorporated
(RT)
11
LMR23630
www.ti.com
SNVSAH2C – DECEMBER 2015 – REVISED JUNE 2017
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LMR23630 SIMPLE SWITCHER® regulator is an easy-to-use synchronous step-down DC-DC converter
operating from 4.5-V (HSOIC) and 4-V (WSON) to 36-V supply voltage. The device delivers up to 3-A DC load
current with good thermal performance in a small solution size. For both the HSOIC and WSON packages, an
extended family is available in multiple current options from 1 A to 3 A in pin-to-pin compatible packages.
The LMR23630 employs constant frequency peak-current-mode control. The device enters PFM mode at light
load to achieve high efficiency. A user-selectable FPWM version is provided to achieve low output voltage ripple,
tight output voltage regulation, and constant switching frequency. The switching frequency is 400 kHz for the
fixed-frequency version. For the version which has RT pin, the switching frequency is adjustable from 200 kHz to
2.2 MHz. The device is internally compensated, which reduces design time and requires few external
components. The LMR23630 is capable of synchronization to an external clock within the range of 200 kHz to
2.2 MHz.
Additional features such as precision enable, power-good flag, and internal soft-start provide a flexible and easy-
to-use solution for a wide range of applications. Protection features include thermal shutdown, VIN and VCC
undervoltage lockout, cycle-by-cycle current limit, and hiccup-mode short-circuit protection.
The family requires very few external components and has a pinout designed for simple, optimum PCB layout.
8.2 Functional Block Diagram


Similar Part No. - PLMR23630DRRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLMR23615DRRR TI1-PLMR23615DRRR Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
PLMR23625CFPDRRR TI1-PLMR23625CFPDRRR Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
More results

Similar Description - PLMR23630DRRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com